전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4954TLX 데이터시트(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM4954TLX
상세설명  HIgh Voltage 3 Watt Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4954TLX 데이터시트(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4954TLX Datasheet HTML 4Page - National Semiconductor (TI) LM4954TLX Datasheet HTML 5Page - National Semiconductor (TI) LM4954TLX Datasheet HTML 6Page - National Semiconductor (TI) LM4954TLX Datasheet HTML 7Page - National Semiconductor (TI) LM4954TLX Datasheet HTML 8Page - National Semiconductor (TI) LM4954TLX Datasheet HTML 9Page - National Semiconductor (TI) LM4954TLX Datasheet HTML 10Page - National Semiconductor (TI) LM4954TLX Datasheet HTML 11Page - National Semiconductor (TI) LM4954TLX Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Differential Gain
V
DD = 7V, RL =8
Ω,
P
OUT = 600mW, 80kHz BW
PSRR vs Frequency
V
DD = 7V, VRIPPLE = 200mVP-P
Input Terminated, 80kHz BW
20129171
20129128
PSRR vs Frequency
V
DD = 5V, VRIPPLE = 200mVP-P
Input Terminated, 80kHz BW
PSRR vs Frequency
V
DD = 3V, VRIPPLE = 200mVP-P
Input Terminated, 80kHz BW
20129127
20129126
Output Power vs Supply Voltage
R
L =4
Ω,A
V = 6dB, 80kHz BW
Output Power vs Supply Voltage
R
L =8
Ω,A
V = 6dB, 80kHz BW
20129124
20129125
www.national.com
8


유사한 부품 번호 - LM4954TLX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4954TL/NOPB TI1-LM4954TL/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
More results

유사한 설명 - LM4954TLX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4954 TI1-LM4954 Datasheet
1Mb / 23P
[Old version datasheet]   Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Texas Instruments
LM4804 TI1-LM4804 Datasheet
1Mb / 22P
[Old version datasheet]   Audio Power Amplifier SerieLow Voltage High Power Audio Power Amplifier
logo
STMicroelectronics
TDA749313TR STMICROELECTRONICS-TDA749313TR Datasheet
897Kb / 30P
   3-watt 3-watt dual BTL class-D audio amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
   1 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com