์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

M62343P ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Mitsubishi Electric Semiconductor

๋ถ€ํ’ˆ๋ช… M62343P
์ƒ์„ธ๋‚ด์šฉ  8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  MITSUBISHI [Mitsubishi Electric Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.mitsubishichips.com
Logo 

M62343P ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 2 / 5 page
background image
(
/ 5 )
MITSUBISHI ELECTRIC
2000-8-31.revB
MITSUBISHI <STD. LINEAR ICs>
M62343P,FP
8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
EXPLANATION OF TERMINALS
2
ABSOLUTE MAXIMUM RATING
Vcc
Vin
Vo
Pd
Topr
Tstg
-0.3 to 7.0
-0.3 to VCC+0.3
-0.3 to VCC+0.3
417 (DIP) / 272 (FP)
-20 to +85
-55 to +125
V
V
V
mW
Symbol
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Parameter
Conditions
Unit
Ratings
ยฐC
ยฐC
ELECTRICAL CHARACTERISTICS (VCC=+5Vยฑ10%,GND=0V,Ta=โ€“20 to 85ยฐC unless otherwise noted)
Buffer amplifier output
voltage range
IAO=ยฑ100ยตA
Buffer amplifier output
drive range
Upper side saturation voltage=0.3V
Lower side saturation voltage=0.2V
Differential nonlinearity
Nonlinearity
Zero code error
Full scale error
Output capacitive load
Buffer amplifier
output impedance
ยตF
โ„ฆ
IAO=ยฑ500ยตA
Symbol
Supply voltage
Parameter
Test conditions
Ratings
Min
Typ
Max
Unit
Input low voltage
Input high voltage
Supply current
0.1
V
0.2
V
-1.0
1.0
mA
-1.0
1.0
-1.5
1.5
-2.0
2.0
-2.0
2.0
0.1
5.0
LSB
LSB
LSB
LSB
VCC-0.1
VCC-0.2
VIN=0 to VCC
0.5VCC
-10
10
0.2VCC
V
V
V
VAO
IAO
SDL
SL
SZERO
SFULL
Co
Ro
VCC
IILK
VIL
VIH
ICC
mA
2.7
5.0
5.5
ยตA
CLK=1MHz, IAO=0ยตA
VCC=5.12V (20mV/LSB)
DI=CLK=LD=GND,IAO=0ยตA
DACdata:6Ah(at maximum current)
0
0
0.8
2.7
0.6
1.8
mA
Input leak current
without load
(IAO=0)
1
2
Shift clock input terminal. Input signal at DI pin is input to 10-bit shift register at
rise of shift clock pulse.
D I
CLK
Ao1
Ao2
L D
When H-level signal is input to this terminal,the value stored in 10-bit shift
register is loaded in decoder and D-A converter output register.
6
7
8
Power supply terminal
GND
Vcc
GND
5
4
PIN No.
Symbol
Serial data input terminal
8bit Dโ€“A converter output terminal
F u n c t i o n
3
Ao3


Html Pages

1  2  3  4  5 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
M62333P8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62354P8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62399P8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62358P8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62359P8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62361FP8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62364FP8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62366GP3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62367GP3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62368GP3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn