전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1836AASRL 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD1836AASRL
상세설명  Multichannel 96 kHz Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1836AASRL 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD1836AASRL Datasheet HTML 2Page - Analog Devices AD1836AASRL Datasheet HTML 3Page - Analog Devices AD1836AASRL Datasheet HTML 4Page - Analog Devices AD1836AASRL Datasheet HTML 5Page - Analog Devices AD1836AASRL Datasheet HTML 6Page - Analog Devices AD1836AASRL Datasheet HTML 7Page - Analog Devices AD1836AASRL Datasheet HTML 8Page - Analog Devices AD1836AASRL Datasheet HTML 9Page - Analog Devices AD1836AASRL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD1836A
Table 7. Timing Specifications
Parameter
Comments
Min
Max
Unit
tMH
MCLK High
512 × fS Mode
18
ns
tML
MCLK Low
512 × fS Mode
18
ns
tMCLK
MCLK Period
512 × fS Mode
36
ns
fMCLK
MCLK Frequency
512 × fS Mode
27
MHz
tPDR
PD/RST Low
5
ns
MASTER CLOCK AND RESET
tPDRR
PD/RST Recovery
Reset to Active Output
4500
tMCLK
tCHH
CCLK High
10
ns
tCHL
CCLK Low
10
ns
tCDS
CDATA Setup
To CCLK Rising
5
ns
tCDH
CDATA Hold
From CCLK Rising
5
ns
tCLS
CLATCH Setup
To CCLK Rising
5
ns
tCLH
CLATCH Hold
From CCLK Falling
5
ns
tCODE
COUT Enable
From CCLK Falling
10
ns
tCOD
COUT Delay
From CCLK Falling
10
ns
tCOH
COUT Hold
From CCLK Falling
0
ns
SPI PORT
tCOTS
COUT Three-State
From CCLK Falling
10
ns
tDBH
DBCLK High
15
ns
tDBL
DBCLK Low
15
ns
fDB
DBCLK Frequency
64 × fS
ns
tDLS
DLRCLK Setup
To DBCLK Rising
0
ns
tDLH
DLRCLK Hold
From DBCLK Rising
10
ns
tDDS
DSDATA Setup
To DBCLK Rising
0
ns
DAC SERIAL PORT
(Normal Modes)
tDDH
DSDATA Hold
From DBCLK Rising
20
ns
tDBH
DBCLK High
15
ns
tDBL
DBCLK Low
15
ns
fDB
DBCLK Frequency
256 × fS
ns
tDLS
DLRCLK Setup
To DBCLK Rising
0
ns
tDLH
DLRCLK Hold
From DBCLK Rising
10
ns
tDDS
DSDATA Setup
To DBCLK Rising
0
ns
DAC SERIAL PORT
(Packed 128 Mode, Packed 256 Mode)
tDDH
DSDATA Hold
From DBCLK Rising
20
ns
tABD
ABCLK Delay
15
ns
From MCLK Transition, 256 × fS Mode
From MCLK Rising, 512 × fS Mode
tALS
LRCLK Skew
From ABCLK Falling
–2
+2
ns
ADC SERIAL PORT
(Normal Modes)
tABDD
ASDATA Delay
From ABCLK Falling
5
ns
tABD
ABCLK Delay
15
ns
From MCLK Transition, 256 × fS Mode
From MCLK Rising, 512 × fS Mode
tALS
LRCLK Skew
From ABCLK Falling
–2
+2
ns
ADC SERIAL PORT
(Packed 128 Mode, Packed 256 Mode)
tABDD
ASDATA Delay
From ABCLK Falling
5
ns
tABD
ABCLK Delay
15
ns
From MCLK Transition, 256 × fS Mode
From MCLK Rising, 512 × fS Mode
tALS
LRCLK Skew
From ABCLK Falling
–2
+2
ns
tABDD
ASDATA Delay
From ABCLK Falling
5
ns
tDDS
DSDATA1 Hold
To ABCLK Rising
0
ns
ADC SERIAL PORT
(TDM Packed AUX)
tDDH
DSDATA1 Hold
From ABCLK Rising
7
ns
tAXDS
AAUXDATA Setup
To AUXBCLK Rising
7
ns
tAXDH
AAUXDATA Hold
From AUXBCLK Rising
10
ns
AUXILIARY INTERFACE
tDXDD
DAUXDATA Delay
From AUXBCLK Falling
25
ns
Rev. 0 | Page 6 of 24


유사한 부품 번호 - AD1836AASRL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AASZRL AD-AD1836AASZRL Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
More results

유사한 설명 - AD1836AASRL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1836 AD-AD1836_15 Datasheet
884Kb / 18P
   Multichannel 96 kHz Codec
REV. PrC
AD1836A AD-AD1836A_15 Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836 AD-AD1836 Datasheet
878Kb / 18P
   Multichannel 96 kHz Codec
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com