전자부품 데이터시트 검색엔진 |
|
1N4741A 데이터시트(PDF) 2 Page - Continental Device India Limited |
|
1N4741A 데이터시트(HTML) 2 Page - Continental Device India Limited |
2 / 4 page SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES 1N4728A to 1N4762A 3.3V to 82V DO-41 Glass Axial Package ELECTRICAL CHARACTERISTICS (Ta=25ºC VF <1.2V @ 200mA ) Device VZT ** @ IZT rzt ** IZT rZK @IZK Temp . Coeff IR VR IZM IZSM * of Nominal MAX MAX Zener Voltage Max Max Max typ. (V) ( Ω) (mA) ( Ω) (mA) %/ ºC ( µA) (V) (mA) (mA) 1N4753A 36 50 7.0 1000 0.25 0.09 5 27.4 25 125 1N4754A 39 60 6.5 1000 0.25 0.09 5 29.7 23 115 1N4755A 43 70 6.0 1500 0.25 0.09 5 32.7 22 110 1N4756A 47 80 5.5 1500 0.25 0.09 5 35.8 19 95 1N4757A 51 95 5.0 1500 0.25 0.09 5 38.8 18 90 1N4758A 56 110 4.5 2000 0.25 0.09 5 42.6 16 80 1N4759A 62 125 4.0 2000 0.25 0.09 5 47.1 14 70 1N4760A 68 150 3.7 2000 0.25 0.09 5 51.7 13 65 1N4761A 75 175 3.3 2000 0.25 0.09 5 56.0 12 60 1N4762A 82 200 3.0 3000 0.25 0.09 5 62.2 11 55 Tolerance on Nominal VZ (1N4728A to1N4762A) A Suffix +/- 5% , No Suffix +/-10% ** Pulse Condition : 20ms tp<50ms, Duty Cycle<2% * Rectangle wave form ( tp=10ms) Continental Device India Limited Data Sheet Page 2 of 4 |
유사한 부품 번호 - 1N4741A |
|
유사한 설명 - 1N4741A |