전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M62353P 데이터시트(PDF) 4 Page - Mitsubishi Electric Semiconductor

부품명 M62353P
상세설명  8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62353P 데이터시트(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M62353P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62353P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62353P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62353P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62353P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62353P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
(
/ 6 )
ELECTRIC
MITSUBISHI
M62353P,FP,GP
MITSUBISHI<Dig.Ana.INTERFACE>
8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
4
V
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Unit
Supply voltage
-0.3~7.0
VIN
Input voltage
Vcc
Parameter
Conditions
VDD
Vo
-0.3~Vcc+0.3
Pd
Topr
Power dissipation
Operating temperature
Tstg
Storage temperature
D-A converter upper reference voltage
Output voltage
-0.3~Vcc+0.3
mV
V
V
V
ELECTRICAL CHARACTERISTICS
Digital part(Vcc,VrefU=+5V±10%,Vcc
≥VrefU,GND,VrefL=0V,Ta=-20°C~+85°C, unless otherwise noted)
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
5.0
V
4.5
Supply voltage
-10
5.5
0.4
µA
Output low voltage
Vcc-0.4
0.8Vcc
0.2Vcc
Vcc
1.6
3.2
10
V
Icc
Circuit current
°C
°C
-0.3~7.0
450(P)/300(FP)/150(GP)
-20~+85
-55~+125
IILK
VIL
VIH
VOL
VOH
mA
V
V
V
Input leak current
Input low voltage
Input high voltage
Output high voltage
CLK=1MHz operation
IOA=0µA
VIN=0~Vcc
IOL=2.5mA
IOH=-400µA
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
0.9
V
Current dissipation
GND
1.7
1.0
Differential nonlinearity error
Vcc-0.1
-1
IDD
3.5
Vcc
Vcc-3.5
LSB
VDD
D-A converter upper reference
voltage range
Vss
VAO
SDL
SL
mA
V
LSB
Nonlinearity error
Analog part(Vcc,VrefU=+5V±10%,Vcc
≥VrefU,Ta=-20°C~+85°C, unless otherwise noted)
2
Zero code error
Vcc-0.2
LSB
SZERO
SFULL
LSB
Full scale error
0.1
Output capacitive load
5
µF
CO
RO
Buffer amplifier output impedance
D-A converter lower reference
voltage range
Buffer amplifier
output voltage range
IAO
Buffer amplifier
output drive range
0.1
0.2
-1.0
-1.5
-2
-2
1
1.5
2
V
mA
VrefU=5V,VrefL=0V
Data condition;at maximum current
The output dose not necessarily be the value
within the reference voltage setting range.
The output value is determined by the buffer
amplifier output voltage range(VAO)
IOA=±100µA
IOA=±500µA
Upper side saturation voltage=0.3V
Lower side saturation voltage=0.2V
VrefU=4.79V
VrefL=0.95V
Vcc=5.5V(15mV/LSB)
Without load(IOA=±0)


유사한 부품 번호 - M62353P

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
More results

유사한 설명 - M62353P

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
M62353AGP RENESAS-M62353AGP Datasheet
113Kb / 9P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NPSASP RENESAS-R2A20168NPSASP_15 Datasheet
364Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62359P RENESAS-M62359P Datasheet
2Mb / 7P
   8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Mitsubishi Electric Sem...
M62359P MITSUBISHI-M62359P Datasheet
58Kb / 6P
   8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20178NP RENESAS-R2A20178NP Datasheet
182Kb / 8P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62364FP RENESAS-M62364FP_09 Datasheet
124Kb / 9P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62364FPGP RENESAS-M62364FPGP_15 Datasheet
139Kb / 11P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com