전자부품 데이터시트 검색엔진 |
|
0.1S7B 데이터시트(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG |
|
0.1S7B 데이터시트(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG |
3 / 3 page GAPTEC-Electronic GmbH & Co. KG sales@gaptec-electronic.com – www.gaptec-electronic.com Page 3 of 3 0.1S7B_3UP – Rev. 2017-1.0 Specifications subject to change without notice. Note: Unit: mm General tolerances: ± 0.25mm Pin not fitted on single output variants. *7.50 for 48V variants All pins on a 2.54mm pitch and within ±0.25mm of true position. Note: Tube length: 520mm ±2mm. Tube Quantity : 25 Unless otherwise stated all dimensions in mm ±0.5mm. 0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE 0.1S7B_3UP Series Mechanical dimensions Recommended footprint Tube outline dimensions |
유사한 부품 번호 - 0.1S7B |
|
유사한 설명 - 0.1S7B |