전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0.1S4A_0305S1.5U 데이터시트(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

부품명 0.1S4A_0305S1.5U
상세설명  0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
홈페이지  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

0.1S4A_0305S1.5U 데이터시트(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  0.1S4A_0305S1.5U Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 0.1S4A_0305S1.5U Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 2
0.1S4A_1.5U – Rev. 2017-1.1
Specifications subject to change without notice.
0.1S4A_1.5U Series
0.1W - Single Output - Fixed Input - Isolated & Unregulated
MINIATURE SIP PACKAGE
Efficiency up to 86%
Small footprint from 0.69cm2
SIP package
Single output voltage
1.5KVDC isolation
Temperature range:
-40°C~+85°C
Industry standard pinout
UL94-V0 package
No heat sink required
Power density 0.36W/cm3
RoHS compliance
DC-DC Converter
0.1 Watt
The 0.1S4A_1.5U Series are specially designed for applications where a
single power supply is isolated from the input power supply in a distribu-
ted power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is fixed
(voltage variation ≤ ±10%);
2) Where isolation is necessary between input and output
(isolation voltage =1000VDC)
3) Where the regulation of the output voltage and the output ripple and
noise are not demanding, such as: purely digital circuits, ordinary low
frequency analog circuits and IGBT power device driven circuits, etc.
Example:
0.1S4A_2405S1.5U
0.1= 0.1Watt; S4= SIP4; A= Pinning; 24Vin; 5Vout; S= Single Output;
1.5=1.5kVDC; U= Unregulated Output
Common specifications
Short circuit protection:
Short term, 1 sec.
Temperature rise at full load:
25°C MAX, 15°C TYP
Cooling:
Free air convection
Operation temperature range:
-40°C~+105°C
Derating if the temperature ≥85°C
Storage temperature range:
-55°C ~+130°C
Storage humidity range:
95% MAX
Lead temperature:
300°C, 1.5mm from case for 10 seconds
Case material:
Plastic [UL94-V0]
MTBF (MIL-HDBK-217F@25°C):
>3,500,000 hours
Weight:
1.3g
Note:
1. All specifications measured at TA=25°C, humidity < 75%, nominal input voltage
and rated output load unless otherwise specified.
2. See below recommended circuits for more details.
Isolation specifications
Item
Test condition
Min
Typ
Max
Units
Isolation voltage
Input to Output (1sec)
1000
VDC
Isolation resistance
Test at 500VDC
1
Input specifications
Item
Test condition
Min
Typ
Max
Units
Voltage range
• 3.3V input types
• 5V input types
• 12V input types
2.9
4.5
11
3.3
5
12
3.6
5.5
13.3
V
V
V
Output specifications
Item
Test condition
Min
Typ
Max
Units
Rated power
0.1
W
Line regulation
For Vin change of 1%
1
1.2
%
Load regulation
10% to 100% full load
• 5V types
• Other
8
6
%
%
Output voltage
accuracy
See tolerance envelope
Temperature drift
100% full load
±0.03 %/°C
Ripple & Noise
20MHz Bandwidth
75
mVp-p
Switching frequency Full load, nominal input
80
KHz
Part Number
Input Voltage [V]
Output Voltage [VDC]
Output current [mA; max]
Efficiency [%; typ]
0.1S4A_0303S1.5U
3.3
3.3
30.3
70
0.1S4A_0305S1.5U
3.3
5
20
80
0.1S4A_0503S1.5U
5
3.3
30.3
70
0.1S4A_0505S1.5U
5
5
20
80
0.1S4A_0509S1.5U
5
9
11
82
0.1S4A_0512S1.5U
5
12
8.3
86
0.1S4A_0515S1.5U
5
15
6.7
86
0.1S4A_1205S1.5U
12
5
20
80
0.1S4A_1209S1.5U
12
9
11
82
0.1S4A_1212S1.5U
12
12
8.3
86
0.1S4A_1215S1.5U
12
15
6.7
86


유사한 부품 번호 - 0.1S4A_0305S1.5U

제조업체부품명데이터시트상세설명
logo
GAPTEC Electronic GmbH ...
0.1S7B GAPTEC-0.1S7B Datasheet
845Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S7B_0303S3UP GAPTEC-0.1S7B_0303S3UP Datasheet
845Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S7B_0305S3UP GAPTEC-0.1S7B_0305S3UP Datasheet
845Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S7B_0505D3UP GAPTEC-0.1S7B_0505D3UP Datasheet
845Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S7B_0505S3UP GAPTEC-0.1S7B_0505S3UP Datasheet
845Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
More results

유사한 설명 - 0.1S4A_0305S1.5U

제조업체부품명데이터시트상세설명
logo
GAPTEC Electronic GmbH ...
0.1D8A GAPTEC-0.1D8A Datasheet
804Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1D14B GAPTEC-0.1D14B Datasheet
823Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S7B GAPTEC-0.1S7B Datasheet
845Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
2S4E GAPTEC-2S4E Datasheet
1Mb / 4P
   2W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1S4E GAPTEC-1S4E Datasheet
922Kb / 4P
   1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1S4A GAPTEC-1S4A Datasheet
1Mb / 4P
   1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
0.1MD4A GAPTEC-0.1MD4A Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A GAPTEC-0.1MS4A Datasheet
711Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
A-XM MICRODC-A-XM Datasheet
521Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com