전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

0.1MS4A_0512S1.5UP 데이터시트(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

부품명 0.1MS4A_0512S1.5UP
부품 상세설명  0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
홈페이지  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

0.1MS4A_0512S1.5UP 데이터시트(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  0.1MS4A_0512S1.5UP Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 0.1MS4A_0512S1.5UP Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 0.1MS4A_0512S1.5UP Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 3
0.1MS4A_1.5UP – Rev. 2020-1.2
Specifications subject to change without notice.
0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A_1.5UP Series
Mechanical dimensions
Recommended footprint
Tube outline dimensions
Note:
All dimensions are in mm ±0.25mm
All pins on a 2.54mm pitch and within ±0.25mm of true position
Note:
Tube length: 525mm ±2mm
Tube quantity: 40Pcs


Html Pages

1  2  3 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn