전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0.1S7B_1205S3UP 데이터시트(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

부품명 0.1S7B_1205S3UP
상세설명  0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
홈페이지  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

0.1S7B_1205S3UP 데이터시트(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  0.1S7B_1205S3UP Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 0.1S7B_1205S3UP Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 0.1S7B_1205S3UP Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 3
0.1S7B_3UP – Rev. 2017-1.0
Specifications subject to change without notice.
Note:
Unit: mm
General tolerances: ± 0.25mm
Pin not fitted on single output variants.
*7.50 for 48V variants
All pins on a 2.54mm pitch and
within ±0.25mm of true position.
Note:
Tube length: 520mm ±2mm.
Tube Quantity : 25
Unless otherwise stated all
dimensions in mm ±0.5mm.
0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated
MINIATURE SIP PACKAGE
0.1S7B_3UP Series
Mechanical dimensions
Recommended footprint
Tube outline dimensions


유사한 부품 번호 - 0.1S7B_1205S3UP

제조업체부품명데이터시트상세설명
logo
GAPTEC Electronic GmbH ...
0.1S4A GAPTEC-0.1S4A Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S4A_0303S1.5U GAPTEC-0.1S4A_0303S1.5U Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S4A_0305S1.5U GAPTEC-0.1S4A_0305S1.5U Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S4A_0503S1.5U GAPTEC-0.1S4A_0503S1.5U Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S4A_0505S1.5U GAPTEC-0.1S4A_0505S1.5U Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
More results

유사한 설명 - 0.1S7B_1205S3UP

제조업체부품명데이터시트상세설명
logo
GAPTEC Electronic GmbH ...
0.1D14B GAPTEC-0.1D14B Datasheet
823Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1D8A GAPTEC-0.1D8A Datasheet
804Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S4A GAPTEC-0.1S4A Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
2S4E GAPTEC-2S4E Datasheet
1Mb / 4P
   2W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1S4E GAPTEC-1S4E Datasheet
922Kb / 4P
   1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1S4A GAPTEC-1S4A Datasheet
1Mb / 4P
   1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
logo
Microdc power Technolog...
A-XMS MICRODC-A-XMS Datasheet
533Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XM MICRODC-A-XM Datasheet
521Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XM-1W MICRODC-A-XM-1W Datasheet
705Kb / 2P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com