전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0.1MS4A_1215S1.5UP 데이터시트(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

부품명 0.1MS4A_1215S1.5UP
상세설명  0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
홈페이지  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

0.1MS4A_1215S1.5UP 데이터시트(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  0.1MS4A_1215S1.5UP Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 0.1MS4A_1215S1.5UP Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 0.1MS4A_1215S1.5UP Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0.1MS4A_1.5UP Series
0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 3
0.1MS4A_1.5UP – Rev. 2020-1.2
Specifications subject to change without notice.
Efficiency up to 81%
1500VDC isolation
Operating temperature range:
-40°C ~ +105°C
Short circuit protection (SCP)
Power density 0.36W/cm3
Industry standard pinout
RoHS compliance
MTBF >1,000,000 hours
UL 94V-0 package material
DC-DC Converter
0.1 Watt
The 0.1MS4A_1.5UP series are miniature, isolated 0.1W DC/DC
converters in a SIP package. They offer the ideal solution in many space
critical applications for board level power distribution. The internal SMD
construction makes it possible to offer a product with high performance
at low cost. The series offers smaller size, improved efficiency.
Common specifications
Short circuit protection:
continuous
Case temperature rise above ambient: +35°C max. 0505 & 1205
Cooling:
Free air convection
Operation temperature range:
-40°C~+105°C
Storage temperature range:
-50°C ~+130°C
Lead temperature:
300°C MAX, 1.5mm from case for 10 sec
Storage humidity range:
< 95%
Case material:
Non-conductive plastic [UL94-V0]
MTBF (MIL-HDBK-217F @25°C):
>1,000,000 hours
Weight:
1.09g
Isolation specifications
Item
Test condition
Min
Typ
Max
Units
Isolation voltage
Tested for 10sec.
1500
VDC
Isolation resistance
Test at 500VDC
1
Input specifications
Item
Test condition
Min
Typ
Max
Units
Voltage range
• 3.3V input
• 5V input
• 12V input
2.9
4.5
11
3.3
5
12
3.6
5.5
13.3
V
V
V
input voltage
Absolut max. rating
• 3.3V input
• 5V input
• 12V input
5.5
7
15
V
V
V
Internal filter
Capacitor
No load current
Note:
1. Operation under minimum load will not damage the converter; However, they
may not meet all specification listed, and that will reduce the life of product.
2. All specifications measured at Ta = 25°C, humidity <75%, nominal input voltage
and rated output load unless otherwise specified.
3. Only typical models listed, other models may be different, please contact our
technical person for more details.
4. In this datasheet, all the test methods of indications are based on corporate
standards.
Example:
0.1MS4A_0505S1.5UP
0.1 = 0.1 Watt; MS4 = Micro SIP4; A = Pinning; 05 = 5 Vin; 05 = 5Vout;
S = Single Output; 1.5 = 1.5kVDC Isolation; U = Unregulated;
P = Short circuit protection
Output specifications
Item
Test condition
Min
Typ
Max
Units
Minimum load
10% of full load
Voltage set point
accuracy
±2
W
Line regulation
High to low Vin (±5%)
±1.2
%
Load regulation
10% to 100% load
• 3.3V output & 0309
• 5V output
• 9V output
• 12V output
•15V output
15
15
10
10
9
%
%
%
%
%
Output voltage
accuracy
See tolerance envelope graph
Temperature drift
100% full load
±0.05
%/°C
Ripple & Noise*
20MHz Bandwidth
50
100
mVp-p
Switching frequency Full load, nominal input
120
KHz
* Measured with 1uF ceramic capacitor connect to the output pins.
13mA


유사한 부품 번호 - 0.1MS4A_1215S1.5UP

제조업체부품명데이터시트상세설명
logo
GAPTEC Electronic GmbH ...
0.1MD4A GAPTEC-0.1MD4A Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MD4A_0303S1.5U GAPTEC-0.1MD4A_0303S1.5U Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MD4A_0503S1.5U GAPTEC-0.1MD4A_0503S1.5U Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MD4A_0505S1.5U GAPTEC-0.1MD4A_0505S1.5U Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MD4A_1.5U GAPTEC-0.1MD4A_1.5U Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results

유사한 설명 - 0.1MS4A_1215S1.5UP

제조업체부품명데이터시트상세설명
logo
GAPTEC Electronic GmbH ...
0.1MD4A GAPTEC-0.1MD4A Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5T8E GAPTEC-0.5T8E Datasheet
806Kb / 3P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
QD8E-3U GAPTEC-QD8E-3U Datasheet
835Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
3MT28A GAPTEC-3MT28A Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
2H-XVD MICRODC-2H-XVD Datasheet
456Kb / 2P
   FIXED INPUT,ISOLATED UNREGULATED Single/Dual Output DC/DC Converter
F-XM MICRODC-F-XM Datasheet
452Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QS7B GAPTEC-QS7B Datasheet
758Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A GAPTEC-1T8A Datasheet
1Mb / 5P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5T8CE GAPTEC-0.5T8CE Datasheet
1Mb / 4P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com