전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

P8S42A 데이터시트(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

부품명 P8S42A
상세내용  Excellent clamping capability
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
홈페이지  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P8S42A 데이터시트(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P8S42A 데이터시트 HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P8S42A 데이터시트 HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P8S42A 데이터시트 HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P8S42A 데이터시트 HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
Uni-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
P8S42A
42
5
47
51.5
5
67.6
143.7
① Surge waveform: 10/1000μs
VR :Stand-off Voltage -- Maximum voltage that can be applied
VBR:Breakdown Voltage
VC:Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR:Reverse Leakage Current
RATINGS AND V-I CHARACTERISTICS CURVES (T
A=25ºC, unless otherwise noted)
F IG .1:V - I cu rv e ch aracteristics
(U n i-d ire ctio n al)
IPP
V C V BR V R
V F
V
Rev :
www.leiditech.com
01.06.2014
2/4
P8S42A


Html Pages

1  2  3  4 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn