전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PESD1CAN-U 데이터시트(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

부품명 PESD1CAN-U
상세내용  Ultra low leakage: nA level
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
홈페이지  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PESD1CAN-U 데이터시트(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PESD1CAN-U 데이터시트 HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1CAN-U 데이터시트 HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1CAN-U 데이터시트 HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics(TA=25°C unless otherwise specified)
Part Number
Device
Marking
VRWM
(V)
VBR
(V)
IT
(mA)
VC
@1A
Vc
IR
(Max)
C
(Pf)
(Typ.)
(Max)
(@A)
PESD1CAN-U
C03
24
26.5
1
39
48
3
10
18
Characteristic Curves
Rev :
www.leiditech.com
01.06.2018
2/3
nA
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration-tp(us)
Non-Repetitive Peak Pulse Power vs. Pulse Time
Pulse Waveform
0
5
10
15
20
25
30
110
100
90
80
70
60
50
40
30
20
10
0
Time (us)
Waveform
Parameters:
tr=8us
td=20us
td=IPP/2
Power Derating Curve
0
25
50
75
100
125
150
110
100
90
80
70
60
50
40
30
20
10
0
Ambient Temperature-TA
PESD1CAN-U


Html Pages

1  2  3 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn