전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PESD1CAN-U 데이터시트(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

부품명 PESD1CAN-U
상세내용  Ultra low leakage: nA level
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
홈페이지  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PESD1CAN-U 데이터시트(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PESD1CAN-U 데이터시트 HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1CAN-U 데이터시트 HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1CAN-U 데이터시트 HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Ultra low leakage: nA level
Operating voltage: 24V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 3A (8/20 μs)
RoHS Compliant
Applications
Pin Configuration
Mechanical Characteristics
Package: SOT -323
Lead Finish: Lead Free
UL Flammability Classification Rating 94V-0
Quantity Per Reel:3000pcs
Reel Size:7 inch
Rev :
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
200
W
ESD per IEC 61000−4−2 (Air)
VESD
± 30
Kv
ESD per IEC 61000−4−2 (Contact)
± 30
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTJ
-55 to +150
01.06.2018
1/3
PESD1CAN-U
Dimensions SOT-323
1
2
3
AEC-Q101 qualified
all key interfaces in automotive
CAN-FD
LIN
FlexRay
MOST
SENT
all key interfaces in automotive
CAN-FD
LIN
FlexRay
MOST
SENT


Html Pages

1  2  3 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn