전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PESD9X3V3U 데이터시트(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

부품명 PESD9X3V3U
상세내용  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
홈페이지  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PESD9X3V3U 데이터시트(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PESD9X3V3U 데이터시트 HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD9X3V3U 데이터시트 HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD9X3V3U 데이터시트 HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD9X3V3U 데이터시트 HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transient Voltage
Suppressors
ESD Protection Diodes with Ultra−Low
Capacitance
The ESD9 is designed to protect voltage sensitive components that
require ultra−low capacitance from ESD and transient voltage events.
Excellent clamping capability, low capacitance, low leakage, and fast
response time, make these parts ideal for ESD protection on designs
where board space is at a premium. Because of its low capacitance, it is
suited for use in high frequency designs such as USB 2.0 high speed and
antenna line applications.
Specification Features:
Ultra Low Capacitance 0.5 pF
Low Clamping Voltage
Small Body Outline Dimensions:
0.039
″ x 0.024″ (1.00 mm x 0.60 mm)
Low Body Height: 0.020″ (0.5 mm)
Stand−off Voltage: 3.3 V
Low Leakage
Response Time is Typically < 1.0 ns
IEC61000−4−2 Level 4 ESD Protection
This is a Pb−Free Device
QUALIFIED MAX REFLOW TEMPERATURE:
Device Meets MSL 1 Requirements
PIN 1. CATHODE
2. ANODE
12
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Contact
Air
±10
±15
kV
Total Power Dissipation on FR−5 Board
(Note 1) @ TA = 25°C
°PD°
150
mW
Storage Temperature Range
Tstg
−55 to +150
°C
Junction Temperature Range
TJ
−55 to +125
°C
Lead Solder Temperature − Maximum
(10 Second Duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0 x 0.75 x 0.62 in.
260
°C
PESD9X3V3U
SOD882
1
2
Ordering information
Device
Marking
Shipping
PESD9X3V3U
P
10000/Tape&Reel
S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
Rev :
www.leiditech.com
1/4
01.06.2015


Html Pages

1  2  3  4 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn