전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

1T8B 데이터시트(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

부품명 1T8B
상세내용  1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
홈페이지  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

1T8B 데이터시트(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  1T8B 데이터시트 HTML 1Page - GAPTEC Electronic GmbH & Co. KG 1T8B 데이터시트 HTML 2Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 2
1T8B_1U – Rev. 2018-1.1
Specifications subject to change without notice.
Typical characteristics
Recommended test circuit
Mechanical dimensions
Temperature derating graph
Tolerance envelope graph
PIN
Single
1
-Vin
3
+Vin
7
-Vout
8
+Vout
Other
NC
Note:
Unit: mm[inch]
General tolerances: ±0.25mm[ ±0.010inch]
3.3V: Cin 4.7uF, 25V
5V: Cin 4.7uF, 25V
9V: Cin 4.7uF, 25V
12V: Cin 2.2uF, 25V
15V: Cin 1uF, 50V
3.3V: Cout 22uF, 16V
5V: Cout 10uF, 25V
9V: Cout 4.7uF, 25V
12V: Cout 2.2uF, 25V
15V: Cout 1uF, 50V
1T8B_1U Series
1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated


Html Pages

1  2 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn