전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NVHL060N090SC1 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 NVHL060N090SC1
상세설명  MOSFET - SiC Power, Single N-Channel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVHL060N090SC1 데이터시트(HTML) 7 Page - ON Semiconductor

  NVHL060N090SC1 Datasheet HTML 1Page - ON Semiconductor NVHL060N090SC1 Datasheet HTML 2Page - ON Semiconductor NVHL060N090SC1 Datasheet HTML 3Page - ON Semiconductor NVHL060N090SC1 Datasheet HTML 4Page - ON Semiconductor NVHL060N090SC1 Datasheet HTML 5Page - ON Semiconductor NVHL060N090SC1 Datasheet HTML 6Page - ON Semiconductor NVHL060N090SC1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NVHL060N090SC1
www.onsemi.com
7
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
TECHNICAL SUPPORT
North American Technical Support:
Voice Mail: 1 800−282−9855 Toll Free USA/Canada
Phone: 011 421 33 790 2910
LITERATURE FULFILLMENT:
Email Requests to: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Europe, Middle East and Africa Technical Support:
Phone: 00421 33 790 2910
For additional information, please contact your local Sales Representative


유사한 부품 번호 - NVHL060N090SC1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NVHL065N65S3F ONSEMI-NVHL065N65S3F Datasheet
832Kb / 10P
   MOSFET ??Single N-Channel, SUPERFET III, FRFET 650 V, 46 A, 65 m
August, 2020-Rev. 0
More results

유사한 설명 - NVHL060N090SC1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NVHL080N120SC1A ONSEMI-NVHL080N120SC1A Datasheet
297Kb / 7P
   MOSFET - SiC Power, Single N-Channel
April, 2020 ??Rev. 1
NTHL020N120SC1 ONSEMI-NTHL020N120SC1 Datasheet
313Kb / 7P
   MOSFET - SiC Power, Single N-Channel
October, 2019 ??Rev. 0
NVHL020N120SC1 ONSEMI-NVHL020N120SC1 Datasheet
239Kb / 7P
   MOSFET - SiC Power, Single N-Channel
October, 2019 ??Rev. 0
NVHL080N120SC1 ONSEMI-NVHL080N120SC1 Datasheet
377Kb / 7P
   MOSFET - SiC Power, Single N-Channel
April, 2020 ??Rev. 3
NVBG160N120SC1 ONSEMI-NVBG160N120SC1 Datasheet
244Kb / 8P
   MOSFET ??SiC Power, Single N-Channel, D2PAK-7L
February, 2020 ??Rev. 0
NVBG080N120SC1 ONSEMI-NVBG080N120SC1 Datasheet
242Kb / 8P
   MOSFET ??SiC Power, Single N-Channel, D2PAK-7L
April, 2020 ??Rev. 1
logo
Rohm
SCTMU001F ROHM-SCTMU001F Datasheet
379Kb / 10P
   N-channel SiC power MOSFET
SCT2280KE ROHM-SCT2280KE Datasheet
787Kb / 14P
   N-channel SiC power MOSFET
SCT3030KL ROHM-SCT3030KL Datasheet
734Kb / 14P
   N-channel SiC power MOSFET
SCT3080AL ROHM-SCT3080AL Datasheet
736Kb / 14P
   N-channel SiC power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com