전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

FTK3N80P 데이터시트(HTML) 6 Page - First Silicon Co., Ltd

부품명 FTK3N80P
상세내용  3 Amps, 800 Volts N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3N80P 데이터시트(HTML) 6 Page - First Silicon Co., Ltd

  FTK3N80P 데이터시트 HTML 1Page - First Silicon Co., Ltd FTK3N80P 데이터시트 HTML 2Page - First Silicon Co., Ltd FTK3N80P 데이터시트 HTML 3Page - First Silicon Co., Ltd FTK3N80P 데이터시트 HTML 4Page - First Silicon Co., Ltd FTK3N80P 데이터시트 HTML 5Page - First Silicon Co., Ltd FTK3N80P 데이터시트 HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10 1
100
101
10-1
100
Drain-Source Voltage, VDS(V)
On-Region Characteristics
10-1
VGS
Top: 15 0V
10 0V
8 0V
7 0V
6 5V
6 0V
Bottorm 5 5V
*Notes:
1. 250μs Pulse Test
2. TC=25˚C
100
10-1
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
4
6
8
10
150˚C
101
25˚C
*Notes:
1. VDS=50V
2. 250μs Pulse Test
-55˚C
0.0
0
Drain Current, ID (A)
5
10
On-Resistance Variation vs. Drain Current
and Gate Voltage
15
20
25
*Note: TJ =25˚C
VGS=10V
0.5
1.0
1.5
2.0
2.5
VGS=20V
100
10 -1
0.2
Source-Drain Voltage, VSD (V)
Body Diode Forward Voltage Variation vs .
Source Current and Temperature
0.4
0.6
0.8
1.0
1.2
25
˚C
150
˚C
101
*Notes:
1. VGS=0V
2.
250μs Pulse Test
2000
0
10-1
Drain-SourceVoltage, VDS (V)
Capacitance Characteristics
1800
400
100
10 1
*Notes:
1. VGS=0V
2. f = 1MHz
1000
800
Crss
Coss
Ciss
Ciss=Cgs+Cgd
(Cds=shorted)
Coss=Cds+Cgd
Crss=Cgd
101
100
10-1
Drain-Source Voltage, VDS (V)
Maximum Safe Operating Area
10 2
101
100
100μs
10 3
DC
1ms
10ms
*Notes:
1. TC=25˚C
2. TJ=150˚C
3. Single Pulse
Operation in This Area
is Limited by R DS(on)
102
Power MOSFET
2008. 1. 28
6/6
Revision No : 0
FTK3N80P/F/D/I


Html Pages

1  2  3  4  5  6 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn