전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SIHFR420TL-E3 데이터시트(HTML) 5 Page - VBsemi Electronics Co.,Ltd

부품명 SIHFR420TL-E3
상세내용  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SIHFR420TL-E3 데이터시트(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  SIHFR420TL-E3 데이터시트 HTML 1Page - VBsemi Electronics Co.,Ltd SIHFR420TL-E3 데이터시트 HTML 2Page - VBsemi Electronics Co.,Ltd SIHFR420TL-E3 데이터시트 HTML 3Page - VBsemi Electronics Co.,Ltd SIHFR420TL-E3 데이터시트 HTML 4Page - VBsemi Electronics Co.,Ltd SIHFR420TL-E3 데이터시트 HTML 5Page - VBsemi Electronics Co.,Ltd SIHFR420TL-E3 데이터시트 HTML 6Page - VBsemi Electronics Co.,Ltd SIHFR420TL-E3 데이터시트 HTML 7Page - VBsemi Electronics Co.,Ltd SIHFR420TL-E3 데이터시트 HTML 8Page - VBsemi Electronics Co.,Ltd SIHFR420TL-E3 데이터시트 HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12b - Unclamped Inductive Waveforms
25
50
75
100
125
150
0.0
1.0
2.0
3.0
4.0
5.0
6.0
T , Case Temperature
( C)
°
C
VDS
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
RD
VGS
R G
D.U.T.
10 V
+
- VDD
VDS
90 %
10 %
VGS
td(on)
tr
td(off) tf
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (s)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
A
R
G
IAS
0.01
Ω
tp
D.U.T.
L
VDS
+
- VDD
Driver
A
15 V
20 V
tp
V DS
IAS
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SIHFR420TL-E3
5


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn