전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM1402NSS 데이터시트(PDF) 7 Page - VBsemi Electronics Co.,Ltd

부품명 SM1402NSS
상세설명  N-Channel 60-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SM1402NSS 데이터시트(HTML) 7 Page - VBsemi Electronics Co.,Ltd

  SM1402NSS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SM1402NSS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SM1402NSS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SM1402NSS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SM1402NSS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SM1402NSS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SM1402NSS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SM1402NSS Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RECOMMENDED MINIMUM PADS FOR SC-70: 3-Lead
0.022
(0.559)
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.025
(0.622)
0.027
(0.686)
0.071
(1.803)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SM1402NSS
7


유사한 부품 번호 - SM1402NSS

제조업체부품명데이터시트상세설명
logo
Sinopower Semiconductor...
SM1402NSS SINOPWER-SM1402NSS Datasheet
231Kb / 10P
   N-Channel Enhancement Mode MOSFET
SM1402NSSC-TRG SINOPWER-SM1402NSSC-TRG Datasheet
231Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

유사한 설명 - SM1402NSS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com