전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FTK6N70P 데이터시트(PDF) 7 Page - First Silicon Co., Ltd

부품명 FTK6N70P
상세설명  6.0 Amps, 700 Volts N-CHANNEL MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK6N70P 데이터시트(HTML) 7 Page - First Silicon Co., Ltd

  FTK6N70P Datasheet HTML 1Page - First Silicon Co., Ltd FTK6N70P Datasheet HTML 2Page - First Silicon Co., Ltd FTK6N70P Datasheet HTML 3Page - First Silicon Co., Ltd FTK6N70P Datasheet HTML 4Page - First Silicon Co., Ltd FTK6N70P Datasheet HTML 5Page - First Silicon Co., Ltd FTK6N70P Datasheet HTML 6Page - First Silicon Co., Ltd FTK6N70P Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TYPICAL PERFORMANCE CHARACTERISTICS(cont.)
2013. 01. 03
7/7
Revision No : 0
Power MOSFET
FTK6N70P/F/D/I
0.8
0.9
1.1
1.0
-100
-50
0
50
100
200
Junction Temperature – TJ(°C)
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-resistance Variation
vs. Temperature
Junction Temperature – TJ(°C)
1.2
150
Notes:
1. VGS=0V
2. ID=250µA
0.0
0.5
2.0
1.5
-100
-50
0
50
100
200
3.0
150
1.0
2.5
Notes:
1. VGS=10V
2. ID=3.0A
25
50
75
100
125
150
0
2.0
3.0
6.0
Figure 10. Maximum Drain Current vs.
Case Temperature
Case Temperature – TC(°C)
DC
10ms
1ms
100µs
10-2
10-1
100
101
100
101
102
103
102
Operation in This Area
is Limited by RDS(ON)
Notes:
1.TC=25°C
2.Tj=150°C
3.Single Pulse
Figure 9-1. Max. Safe Operating
Area(SVF6N70F)
Drain Source Voltage - VDS(V)
1.0
4.0
5.0
DC
10ms
1ms
100µs
10-2
10-1
100
101
100
101
102
103
102
Notes:
1.TC=25°C
2.Tj=150°C
3.Single Pulse
Figure 9-2. Max. Safe Operating
Area(SVF6N70MJ(G))
Drain Source Voltage - VDS(V)
Operation in This Area
is Limited by RDS(ON)


유사한 부품 번호 - FTK6N70P

제조업체부품명데이터시트상세설명
logo
First Silicon Co., Ltd
FTK603NP FS-FTK603NP Datasheet
498Kb / 8P
   60V NP Dual Channel MOSFETs
FTK60N04D FS-FTK60N04D Datasheet
347Kb / 4P
   N-Channel Power MOSFET
FTK60P05S FS-FTK60P05S Datasheet
460Kb / 4P
   P-Channel Enhancement Mode Power MOSFET
FTK6207SP FS-FTK6207SP Datasheet
1Mb / 6P
   12V, 4.0 mΩ, 8.5A, Dual N-Channel
2020.10.05
FTK6303 FS-FTK6303 Datasheet
1,021Kb / 5P
   Dual P-CH 60V Fast Switching MOSFETs
More results

유사한 설명 - FTK6N70P

제조업체부품명데이터시트상세설명
logo
First Silicon Co., Ltd
FTK10N70PD FS-FTK10N70PD Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
12N70 UTC-12N70_09 Datasheet
221Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
12N70 UTC-12N70 Datasheet
332Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N70P FS-FTK7N70P Datasheet
394Kb / 7P
   7 Amps, 700 Volts N-CHANNEL MOSFET
FTK7N70PD FS-FTK7N70PD Datasheet
394Kb / 7P
   7 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N70 UTC-1N70 Datasheet
217Kb / 8P
   1.2 Amps, 700 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK10N70P FS-FTK10N70P Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
7N70 UTC-7N70 Datasheet
150Kb / 8P
   7 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70 UTC-2N70 Datasheet
258Kb / 6P
   2 Amps, 700 Volts N-CHANNEL POWER MOSFET
3N70 UTC-3N70 Datasheet
273Kb / 7P
   3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com