전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M62358P 데이터시트(PDF) 1 Page - Mitsubishi Electric Semiconductor

부품명 M62358P
상세설명  8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62358P 데이터시트(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M62358P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62358P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62358P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62358P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62358P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62358P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(
/ 6 )
ELECTRIC
MITSUBISHI
M62358P,FP
MITSUBISHI<Dig.Ana.INTERFACE>
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
DESCRIPTION
The M62358 is a 12-channel 8-bit voltage output digital to analog
converter.
The M62358 includes data latch circuit and gain change circuit
of output amplifiers.
Input data is a easy-to-use three-wires serial interface.It is able
to cascading serial use with Do terminal.
Gain set up data change a case the each channel`s output
voltage range is change ,and each channel`s output voltage
range is able to change severally make use of gain set up data.
FEATURES
•All channel includes gain change latch circuit with output
amplifiers.
•14-bit serial data input
•Built-in reset circuit
BLOCK DIAGRAM
APPLICATION
Conversion from digital control data to analog control data
for home-use and industrial equipment.
Automatic adjustment by combination with EEPROM and
microcomputer(replacement of conventional half-fixed
resistor).
Signal gain control of DISPLAY-MONITOR or CTV.
1
PIN CONFIGURATION (TOP VIEW)
Ao3
Ao4
Ao5
Ao6
VDD
GND
Ao1
DI
CLK
LD
DO
Ao2
Ao5
Ao6
Ao7
Ao8
VDD
R
Ao4
Ao3
DI
CLK
LD
Do
Ao7
Ao8
VrefL
Vcc
VrefU
R
GND
Ao9
Ao10
VrefL
VrefU
8-BIT
LATCH
8-BIT
R-2R D-A
8-BIT
LATCH
22
19
20
21
1
4
3
2
18
5
17
6
16
7
15
8
14
9
13
10
12
11
24
21
22
23
1
4
3
2
20
5
19
6
18
7
17
8
16
9
15
10
14
11
13
12
Ao9
Ao10
Ao11
Ao12
Ao3
Ao4
Ao5
Ao6
VDD
Ao1
DO
Ao2
Vcc
VrefU
R
NC
GND
DI
CLK
LD
Ao7
Ao8
VrefL
Ao9
Ao10
Ao11
Ao12
NC
Outline 24P2-E
NC:NO CONNECTION
Outline 22P4H
Vcc
Ao2
Ao1
Ao11
Ao12
L
R-2R
L
L
L
L
L
L
L
R-2R
R-2R
R-2R
R-2R
R-2R
R-2R
R-2R
L
L
R-2R
R-2R
8-BIT
R-2R D-A
+
-
G
+
-
G
+
-
G
+
-
G
G
G
G
G
G
+
-
GAIN
CHANGE
LATCH
GAIN
CHANGE
LATCH
+
-
G
12
2


유사한 부품 번호 - M62358P

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results

유사한 설명 - M62358P

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62352P RENESAS-M62352P Datasheet
140Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP_13 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352P RENESAS-M62352P_15 Datasheet
296Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352AGP RENESAS-M62352AGP Datasheet
136Kb / 9P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP Datasheet
394Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
   3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com