전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC210 데이터시트(PDF) 9 Page - Texas Instruments

부품명 TC210
상세설명  192- x 165-PIXEL CCD IMAGE SENSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TC210 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TC210 Datasheet HTML 5Page - Texas Instruments TC210 Datasheet HTML 6Page - Texas Instruments TC210 Datasheet HTML 7Page - Texas Instruments TC210 Datasheet HTML 8Page - Texas Instruments TC210 Datasheet HTML 9Page - Texas Instruments TC210 Datasheet HTML 10Page - Texas Instruments TC210 Datasheet HTML 11Page - Texas Instruments TC210 Datasheet HTML 12Page - Texas Instruments TC210 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TC210
192-
× 165-PIXEL CCD IMAGE SENSOR
SOCS009B – OCTOBER 1986 – REVISED MAY 1990
2-11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
VERTICAL MODULATION
TRANSFER FUNCTION
(BARS PARALLEL TO SERIAL REGISTER)
0.4
0.2
0
0
0.2
0.4
0.6
0.6
0.8
Normalized Spatial Frequency
1
0.8
1
0
6.3
12.5
18.8
25.0
31.3
Spatial Frequency – Cycles/mm
λ = 400 to 700-nm Monochromatic Light
HORIZONTAL MODULATION
TRANSFER FUNCTION
(BARS PERPENDICULAR TO SERIAL REGISTER)
0.4
0.2
0
0
0.2
0.4
0.6
0.6
0.8
Normalized Spatial Frequency
1
0.8
1
0
7.3
14.6
21.8
29.1
36.4
Spatial Frequency – Cycles/mm
λ = 400 to 700-nm Monochromatic Light
VADB = 12 V
TA = 25°C
VADB = 12 V
TA = 25°C
Figure 6
Figure 7
1
10
f – Frequency – Hz
NOISE SPECTRUM OF OUTPUT AMPLIFIER
100
1000
103
104
105
106
107
VADB = 12 V
TA = 25°C
0.01
1
300
500
700
1100
1300
Incident Wavelength – nm
CCD SPECTRAL RESPONSIVITY
900
0.1
100%
50%
20%
10%
5%
3%
2%
VADB = 12 V
TA = 25°C
Figure 8
Figure 9


유사한 부품 번호 - TC210

제조업체부품명데이터시트상세설명
logo
Allied Components Inter...
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1,023Kb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC_10 Datasheet
1Mb / 1P
   Toroidal Chokes
More results

유사한 설명 - TC210

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TC211 TI-TC211 Datasheet
173Kb / 13P
[Old version datasheet]   192- 횞 165-pixel ccd image sensor
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
[Old version datasheet]   pixel ccd image sensor
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
[Old version datasheet]   pixel ccd image sensor
TC25SPD TI-TC25SPD Datasheet
255Kb / 19P
[Old version datasheet]   680 X 500 PIXEL CCD IMAGE SENSOR
TX253-30 TI-TX253-30 Datasheet
247Kb / 19P
[Old version datasheet]   680 X 500 PIXEL CCD IMAGE SENSOR
TC253 TI1-TC253 Datasheet
256Kb / 19P
[Old version datasheet]   680x500 PIXEL CCD IMAGE SENSOR
TC341 TI-TC341 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC285SPD-B0 TI-TC285SPD-B0 Datasheet
419Kb / 30P
[Old version datasheet]   1004 x 1002 PIXEL IMPACTRONTM CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com