전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8588BJ 데이터시트(PDF) 20 Page - NXP Semiconductors

부품명 TDA8588BJ
상세설명  I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8588BJ 데이터시트(HTML) 20 Page - NXP Semiconductors

Back Button TDA8588BJ Datasheet HTML 16Page - NXP Semiconductors TDA8588BJ Datasheet HTML 17Page - NXP Semiconductors TDA8588BJ Datasheet HTML 18Page - NXP Semiconductors TDA8588BJ Datasheet HTML 19Page - NXP Semiconductors TDA8588BJ Datasheet HTML 20Page - NXP Semiconductors TDA8588BJ Datasheet HTML 21Page - NXP Semiconductors TDA8588BJ Datasheet HTML 22Page - NXP Semiconductors TDA8588BJ Datasheet HTML 23Page - NXP Semiconductors TDA8588BJ Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
2004 Feb 24
20
Philips Semiconductors
Product specification
I2C-bus controlled 4
× 50 Watt power
amplifier and multiple voltage regulator
TDA8588J; TDA8588xJ
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Human body model: Rs = 1.5 kΩ; C = 100 pF; all pins have passed all tests to 2500 V to guarantee 2000 V,
according to class II.
2. Machine model: Rs =10 Ω; C = 200 pF; L = 0.75 mH; all pins have passed all tests to 250 V to guarantee 200 V,
according to class II.
SYMBOL
PARAMETER
CONDITION
MIN. MAX. UNIT
VP
supply voltage
operating
18
V
not operating
−1
+50
V
with load dump protection
0
50
V
VSDA, VSCL voltage on pins SDA and SCL
operating
0
7
V
VIN, VSVR,
VACGND,
VDIAG
voltage on pins INn, SVR, ACGND and DIAG operating
0
13
V
VSTB
voltage on pin STB
operating
0
24
V
IOSM
non-repetitive peak output current
10
A
IORM
repetitive peak output current
6A
Vsc
AC and DC short-circuit voltage
short-circuit of output pins across
loads and to ground or supply
18
V
Vrp
reverse polarity voltage
voltage regulator only
−−18
V
Ptot
total power dissipation
Tcase =70 °C
80
W
Tj
junction temperature
150
°C
Tstg
storage temperature
−55 +150 °C
Tamb
ambient temperature
−40 +85
°C
Vesd
electrostatic discharge voltage
note 1
2000
V
note 2
200
V


유사한 부품 번호 - TDA8588BJ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
   Multi-purpose high-gain power amplifier
1998 May 27
TDA8586 PHILIPS-TDA8586 Datasheet
138Kb / 24P
   Power amplifier with load detection and auto BTL/SE selection
1999 Apr 08
TDA8589AJ PHILIPS-TDA8589AJ Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
More results

유사한 설명 - TDA8588BJ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
logo
STMicroelectronics
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
   4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
May 2011
logo
NXP Semiconductors
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
logo
STMicroelectronics
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
   4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
September 2014 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com