전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM02B-BHLS-1-TB 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 SM02B-BHLS-1-TB
상세설명  Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SM02B-BHLS-1-TB 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  SM02B-BHLS-1-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM02B-BHLS-1-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers SM02B-BHLS-1-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
35
BHL
H JST
Low profile connector with high
withstanding voltage, designed for
connecting liquid crystal display backlight
lamps to their starters. The BHL
connector is 2.8mm (.110") thick, so the
mounting height is only 3mm (.118").
Features –––––––––––––––––––––––
• Contact lances
Contacts are secured in the housing by their spring action,
thus fully shrouded. This helps improve the withstanding
voltage.
• Anti-misinsertion housing
The housing has mis-insertion preventive guides on both
sides. Housing locks prevent release of the housing that might
result from vibration or shock.
Specifications ––––––––––––––––––
• Current rating:
1.0A AC, DC
• Voltage rating:
1,400V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/10m
Ω max.
After environmental testing/20m
Ω max.
• Insulation resistance:
1,000M
Ω min.
• Withstanding voltage:
3,800V AC/minute
• Applicable wire: Conductor/AWG #28 to #24
Insulation O. D./0.9 to 1.7mm(.035" to .067")
* Contact JST for details.
BHL CONNECTOR
Disconnectable Crimp style connectors
2.3mm
(.091") pitch
Crimp
Emboss Tape


유사한 부품 번호 - SM02B-BHLS-1-TB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SM02B-BHSS-1-TB ETC1-SM02B-BHSS-1-TB Datasheet
71Kb / 3P
   Disconnectable Crimp style connectors
SM02B-BHTS-B-TB ETC1-SM02B-BHTS-B-TB Datasheet
48Kb / 3P
   Disconnectable Crimp style connectors
More results

유사한 설명 - SM02B-BHLS-1-TB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com