전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TT8K1 데이터시트(HTML) 7 Page - VBsemi Electronics Co.,Ltd

부품명 TT8K1
상세내용  Dual N-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

TT8K1 데이터시트(HTML) 7 Page - VBsemi Electronics Co.,Ltd

  TT8K1 데이터시트 HTML 1Page - VBsemi Electronics Co.,Ltd TT8K1 데이터시트 HTML 2Page - VBsemi Electronics Co.,Ltd TT8K1 데이터시트 HTML 3Page - VBsemi Electronics Co.,Ltd TT8K1 데이터시트 HTML 4Page - VBsemi Electronics Co.,Ltd TT8K1 데이터시트 HTML 5Page - VBsemi Electronics Co.,Ltd TT8K1 데이터시트 HTML 6Page - VBsemi Electronics Co.,Ltd TT8K1 데이터시트 HTML 7Page - VBsemi Electronics Co.,Ltd TT8K1 데이터시트 HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PACKAGE DIMENSIONS
ChipFET
CASE 1206A−03
ISSUE D
B
S
C
D
G
L
A
12
34
87
65
M
J
0.05 (0.002)
K
1
2
3
4
8
7
6
5
STYLE 2:
2. GATE 1
4. GATE 2
5. DRAIN 2
6. DRAIN 2
7. DRAIN 1
8. DRAIN 1
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. MOLD GATE BURRS SHALL NOT EXCEED 0.13 MM
PER SIDE.
4. LEADFRAME TO MOLDED BODY OFFSET IN
HORIZONTAL AND VERTICAL SHALL NOT EXCEED
0.08 MM.
5. DIMENSIONS A AND B EXCLUSIVE OF MOLD GATE
BURRS.
6. NO MOLD FLASH ALLOWED ON THE TOP AND
BOTTOM LEAD SURFACE.
7. 1206A−01 AND 1206A−02 OBSOLETE. NEW
STANDARD IS 1206A−03.
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.95
3.10
0.116
0.122
B
1.55
1.70
0.061
0.067
C
1.00
1.10
0.039
0.043
D
0.25
0.35
0.010
0.014
G
0.65 BSC
0.025 BSC
J
0.10
0.20
0.004
0.008
K
0.28
0.42
0.011
0.017
L
0.55 BSC
0.022 BSC
M
°
5 NOM
S
1.80
°
5 NOM
2.00
0.072
0.080
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
TT8K1
7


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn