전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

U4N60 데이터시트(HTML) 6 Page - VBsemi Electronics Co.,Ltd

부품명 U4N60
상세내용  N-Channel 650V (D-S) Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

U4N60 데이터시트(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  U4N60 데이터시트 HTML 1Page - VBsemi Electronics Co.,Ltd U4N60 데이터시트 HTML 2Page - VBsemi Electronics Co.,Ltd U4N60 데이터시트 HTML 3Page - VBsemi Electronics Co.,Ltd U4N60 데이터시트 HTML 4Page - VBsemi Electronics Co.,Ltd U4N60 데이터시트 HTML 5Page - VBsemi Electronics Co.,Ltd U4N60 데이터시트 HTML 6Page - VBsemi Electronics Co.,Ltd U4N60 데이터시트 HTML 7Page - VBsemi Electronics Co.,Ltd U4N60 데이터시트 HTML 8Page - VBsemi Electronics Co.,Ltd U4N60 데이터시트 HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Fig. 12d - Typical Drain-to Source Voltage vs. Avalanche
Current
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
25
50
75
100
125
150
0
200
400
600
800
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
2.3A
3.3A
4A
700
720
740
760
780
800
01
23
4
5
6
A
av
I
, Avalanche Current (A)
QG
QGS
QGD
VG
Charge
10 V
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-
U4N60
6
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn