전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD9P1X5EFV-C 데이터시트(PDF) 11 Page - Rohm

부품명 BD9P1X5EFV-C
상세설명  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD9P1X5EFV-C 데이터시트(HTML) 11 Page - Rohm

Back Button BD9P1X5EFV-C Datasheet HTML 7Page - Rohm BD9P1X5EFV-C Datasheet HTML 8Page - Rohm BD9P1X5EFV-C Datasheet HTML 9Page - Rohm BD9P1X5EFV-C Datasheet HTML 10Page - Rohm BD9P1X5EFV-C Datasheet HTML 11Page - Rohm BD9P1X5EFV-C Datasheet HTML 12Page - Rohm BD9P1X5EFV-C Datasheet HTML 13Page - Rohm BD9P1X5EFV-C Datasheet HTML 14Page - Rohm BD9P1X5EFV-C Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
11/57
TSZ02201-0J1J0AL01480-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
08.Apr.2020 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD9P1x5EFV-C Series
Electrical Characteristics - continued (Unless otherwise specified Ta = -40
˚C to +125 ˚C, V
IN = 12 V)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
VREG
VREG Voltage
VREG
3.0
3.3
3.6
V
Voltage Follower
VVCC_EX = 0 V
VCC_EX Switch ON Resistance
RONEX
-
6
12
Ω
VVCC_EX = 5 V
VCC_EX Threshold Voltage High
VTEXH
2.90
3.05
3.20
V
VVCC_EX Sweep Up
VCC_EX Threshold Voltage Low
VTEXL
2.70
2.90
3.10
V
VVCC_EX Sweep Down
VCC_EX OVP Threshold Voltage High
VEXOVPH
5.85
6.20
6.55
V
VCC_EX OVP Threshold Voltage Low
VEXOVPL
5.65
6.00
6.35
V
VOUT_DIS Discharge ON Resistance
RDIS
-
75
150
Ω
VEN = 0 V,
VOUT_DIS = 0.3 V
VOUT Discharge Deactivate Voltage
VDISL
100
200
300
mV
VOUT_DIS Sweep Down
Oscillator
Switching Frequency
fSW
2.0
2.2
2.4
MHz
Synchronization Frequency Range
fSW_EX
1.8
-
2.4
MHz
External Clock Input
Switching Frequency
(Spread Spectrum)
fSWSSR
1.90
-
2.52
MHz
VSSCG = 5 V
Spread Spectrum Modulation Rate
ΔfSSCG
-
4.5
-
%
VSSCG = 5 V
Spread Spectrum Modulation Cycle
tSSCG_CYCLE
-
466
-
µs
VSSCG = 5 V
VREF/GmAmp
Feedback Reference Voltage
(BD9P105EFV-C)
VFB1
0.788
0.802
0.816
V
VFB Voltage,
PWM Mode
Enter SLEEP State Voltage
(BD9P105EFV-C)
VFB2
0.794
0.812
0.830
V
VFB Rising,
Light Load Mode
Exit SLEEP State Voltage
(BD9P105EFV-C)
VFB3
0.792
0.810
0.828
V
VFB Falling,
Light Load Mode
Output Voltage
(BD9P135EFV-C)
VOUT_SNS1
3.250
3.308
3.366
V
VOUT_SNS Voltage,
PWM Mode
Enter SLEEP State Voltage
(BD9P135EFV-C)
VOUT_SNS2
3.275
3.349
3.424
V
VOUT_SNS Rising,
Light Load Mode
Exit SLEEP State Voltage
(BD9P135EFV-C)
VOUT_SNS3
3.266
3.341
3.416
V
VOUT_SNS Falling,
Light Load Mode
Output Voltage
(BD9P155EFV-C)
VOUT_SNS1
4.925
5.013
5.100
V
VOUT_SNS Voltage,
PWM Mode
Enter SLEEP State Voltage
(BD9P155EFV-C)
VOUT_SNS2
4.963
5.076
5.188
V
VOUT_SNS Rising,
Light Load Mode
Exit SLEEP State Voltage
(BD9P155EFV-C)
VOUT_SNS3
4.949
5.063
5.176
V
VOUT_SNS Falling,
Light Load Mode
FB Input Current for BD9P105EFV-C
IFB
-
0
1
µA
VFB = 5 V
VOUT_SNS Input Current
IVOUT_SNS
-
0.5
2.0
µA
VOUT_SNS = 5 V
Start Delay Time
tDLY
-
400
800
µs
Soft Start Time
tSS
2.5
3.0
3.9
ms
VFB1 x 0.1 to VFB1 x 0.9
Driver
High Side FET ON Resistance
RONH
-
210
440
VBST-VSW = 3.3 V
Low Side FET ON Resistance
RONL
-
140
290
VVCC_EX = 3.3 V
High Side FET Leakage Current
ILKH
-10
0
-
µA
VIN = 40 V, VEN = 0 V,
Ta = 25
˚C, VSW = 0 V
Low Side FET Leakage Current
ILKL
-
0
10
µA
VIN = 40 V, VEN = 0 V,
Ta = 25
˚C, VSW = 40 V
Over Current Protection Threshold
IOCP10
1.000
1.250
1.500
A
VOCP_SEL = 5 V
IOCP05
0.500
0.625
0.750
A
VOCP_SEL = 0 V


유사한 부품 번호 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

유사한 설명 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com