전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD9P1X5EFV-C 데이터시트(PDF) 14 Page - Rohm

부품명 BD9P1X5EFV-C
상세설명  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD9P1X5EFV-C 데이터시트(HTML) 14 Page - Rohm

Back Button BD9P1X5EFV-C Datasheet HTML 10Page - Rohm BD9P1X5EFV-C Datasheet HTML 11Page - Rohm BD9P1X5EFV-C Datasheet HTML 12Page - Rohm BD9P1X5EFV-C Datasheet HTML 13Page - Rohm BD9P1X5EFV-C Datasheet HTML 14Page - Rohm BD9P1X5EFV-C Datasheet HTML 15Page - Rohm BD9P1X5EFV-C Datasheet HTML 16Page - Rohm BD9P1X5EFV-C Datasheet HTML 17Page - Rohm BD9P1X5EFV-C Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
14/57
TSZ02201-0J1J0AL01480-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
08.Apr.2020 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD9P1x5EFV-C Series
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
0
5
10
15
20
25
30
35
40
EN Voltage : VEN[V]
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
Temperature : Ta[˚C]
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
-50
-25
0
25
50
75
100
125
Temperature : Ta[˚C]
Typical Performance Curves - continued
Figure 13. VIN Power On Reset Rising vs Temperature
Figure 14. VREG Under Voltage Lockout vs Temperature
Figure 15. EN Input Voltage vs Temperature
Figure 16. EN Input Current vs EN Voltage
Rising
Falling
High
Ta = -40
˚C, +25 ˚C, +125 ˚C
Low
3.6
3.7
3.8
3.9
4.0
-50
-25
0
25
50
75
100
125
Temperature : Ta[˚C]


유사한 부품 번호 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

유사한 설명 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com