전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD9P1X5EFV-C 데이터시트(PDF) 24 Page - Rohm

부품명 BD9P1X5EFV-C
상세설명  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD9P1X5EFV-C 데이터시트(HTML) 24 Page - Rohm

Back Button BD9P1X5EFV-C Datasheet HTML 20Page - Rohm BD9P1X5EFV-C Datasheet HTML 21Page - Rohm BD9P1X5EFV-C Datasheet HTML 22Page - Rohm BD9P1X5EFV-C Datasheet HTML 23Page - Rohm BD9P1X5EFV-C Datasheet HTML 24Page - Rohm BD9P1X5EFV-C Datasheet HTML 25Page - Rohm BD9P1X5EFV-C Datasheet HTML 26Page - Rohm BD9P1X5EFV-C Datasheet HTML 27Page - Rohm BD9P1X5EFV-C Datasheet HTML 28Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
24/57
TSZ02201-0J1J0AL01480-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
08.Apr.2020 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD9P1x5EFV-C Series
Function Explanation - continued
8.
VCC_EX Function
This IC has the function that supplies power from VOUT to internal supply VREG to improve the efficiency. When
VVCC_EX goes above VTEXH (3.05 V, Typ) or more, VREG is supplied from the VCC_EX pin. In case of the VCC_EX pin
connected with VOUT, the output voltage is used as a power supply for the internal circuitry and driver block. To protect
the internal circuit, VOUT is reduced with PWM switching when VCC_EX voltage exceeds VEXOVPH (6.0 V, Typ).
Therefore, the VCC_EX pin connection can be used when the output voltage is in the range of between VTEXH (3.2 V,
Max) and VEXOVPL (5.65 V, Min). Connect the VCC_EX pin with GND when VCC_EX function is not required.
The bias current IBIAS using VCC_EX function can be calculated using the following formula.
�������������������� = ��������_������������1 + ��������_������������_��������1 ×
1
����
×
����������������_��������
������������
[μA]
Where:
��������������������
is total current from VIN [µA]
��������_������������1
is quiescent current from VIN (without current from VCC_EX) [µA]
(Refer to page 10)
��������_������������_��������1
is quiescent current from VCC_EX [µA]
(Refer to page 10)
����
is efficiency of Buck Converter
����������������_��������
is the VCC_EX voltage [V]
������������
is the input voltage [V]
VIN
VREG
+
VREG
(LDO)
-
VCC_EX
VTEXH = 3.05 V (Typ)
/ VTEXL = 2.90 V (Typ)
ON/OFF
ON/OFF
Figure 38. VCC_EX Block Diagram
VIN
VEN
VOUT = VVCC_EX
(Short)
VSW
VREG
VTEXH
3.05 V (Typ)
VCC_EX State
VCC_EX OFF
VCC_EX ON
VCC_EX OFF
VTEXL
2.90 V (Typ)
Vout Setting Level
Vout Setting Level
VREG
3.3 V (Typ)
Figure 39. VCC_EX Timing Chart


유사한 부품 번호 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

유사한 설명 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com