전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD9P1X5EFV-C 데이터시트(PDF) 25 Page - Rohm

부품명 BD9P1X5EFV-C
상세설명  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD9P1X5EFV-C 데이터시트(HTML) 25 Page - Rohm

Back Button BD9P1X5EFV-C Datasheet HTML 21Page - Rohm BD9P1X5EFV-C Datasheet HTML 22Page - Rohm BD9P1X5EFV-C Datasheet HTML 23Page - Rohm BD9P1X5EFV-C Datasheet HTML 24Page - Rohm BD9P1X5EFV-C Datasheet HTML 25Page - Rohm BD9P1X5EFV-C Datasheet HTML 26Page - Rohm BD9P1X5EFV-C Datasheet HTML 27Page - Rohm BD9P1X5EFV-C Datasheet HTML 28Page - Rohm BD9P1X5EFV-C Datasheet HTML 29Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
25/57
TSZ02201-0J1J0AL01480-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
08.Apr.2020 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD9P1x5EFV-C Series
Protect Function
1.
Over Current Protection (OCP)
The Over Current Protection (OCP) monitors the average inductor current. The OCP detection level can be selected by
the OCP_SEL pin. When the OCP_SEL voltage is high, it is IOCP10 (1.250 A, Typ) and when the OCP_SEL voltage is low,
it is IOCP05 (0.625 A, Typ). When the average inductor current exceeds to its setting value, the duty cycle of the switching
is limited and the output voltage decreases. This protection circuit is effective in preventing damage due to sudden and
unexpected incidents. However, the IC should never be used in applications where the protection circuit operates
continuously (e.g. when a load that significantly exceeds the output current capability of the chip is connected).
IOCP
V
OUT
IOUT
IL
Figure 40. Over Current Protection
2.
Short Circuit Protection (SCP)
For BD9P105EFV-C, the Short Circuit Protection (SCP) block compares the FB pin voltage with the internal reference
voltage VREF. When the FB pin voltage has decreased to VSCPL (0.64 V, Typ) or less and remained there for 0.9 ms
(Typ), SCP stops the operation for 30 ms (Typ) and subsequently initiates a restart. If the FB pin voltage decreases to
VSCPL (0.64 V, Typ) or less and increases to VSCPH (0.72 V, Typ) or more within 0.9 ms afterwards, SCP protection is
released and output voltage recovers to normal operation. For BD9P135EFV-C and BD9P155EFV-C, the SCP block
monitors the VOUT_SNS pin for the protection. SCP detection voltage VSCPL is 80 % (Typ) of normal output voltage. On
the other hand, SCP release voltage VSCPH is 90 % (Typ) of normal output voltage.
The SCP function is deactivated during 7 ms (Typ) from VOUT starting up. In addition, when VIN decreases and VOUT
also decreases, the SCP function is deactivated not to detect short circuit protection. The SCP function is likewise
deactivated when VIN voltage is lower than VSCP_DACT (133 %, Typ) of the VOUT_SNS pin voltage, and then is activated
after 7 ms (Typ) from VIN voltage exceeds VSCP_DACT (133 %, Typ) of the VOUT_SNS pin voltage. Therefore, in the case
of short circuit from VIN close to VOUT condition, SCP stops the switching operation after 7.9 ms (Typ) from short circuit.
However, the device should never be used in applications characterized by continuous operation of the protection circuit
(e.g. when a load that significantly exceeds the output current capability of the chip is connected).
SCP Reset
VFB
VOUT x 133 %
VOUT x 133 %
VSCPL:0.64 V (Typ)
7 ms (Typ)
0.9 ms
(Typ)
0.9 ms
(Typ)
7 ms (Typ)
30 ms (Typ)
VIN
VOUT
(Internal)
HICCUP
Delay Signal
(Internal)
SCP Mask
Delay Signal
OCP
Threshold
HiZ
Inductor
Current
VSW
VSCPH:0.72 V (Typ)
SCP Reset
7 ms (Typ)
0.9 ms
(Typ)
HiZ
30 ms (Typ)
Normal
Over Load
Normal
Output
Load
Condition
OCP
Threshold
7.9 ms (Typ)
100 %
33 %
100 %
33 %
Figure 41. Short Circuit Protection (SCP) Timing Chart (BD9P105EFV-C)


유사한 부품 번호 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

유사한 설명 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com