전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD9P1X5EFV-C 데이터시트(PDF) 31 Page - Rohm

부품명 BD9P1X5EFV-C
상세설명  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD9P1X5EFV-C 데이터시트(HTML) 31 Page - Rohm

Back Button BD9P1X5EFV-C Datasheet HTML 27Page - Rohm BD9P1X5EFV-C Datasheet HTML 28Page - Rohm BD9P1X5EFV-C Datasheet HTML 29Page - Rohm BD9P1X5EFV-C Datasheet HTML 30Page - Rohm BD9P1X5EFV-C Datasheet HTML 31Page - Rohm BD9P1X5EFV-C Datasheet HTML 32Page - Rohm BD9P1X5EFV-C Datasheet HTML 33Page - Rohm BD9P1X5EFV-C Datasheet HTML 34Page - Rohm BD9P1X5EFV-C Datasheet HTML 35Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
31/57
TSZ02201-0J1J0AL01480-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
08.Apr.2020 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD9P1x5EFV-C Series
Selection of Components Externally Connected - continued
1. Selection of the inductor L1 value
The inductor in the switching regulator supplies a continuous current to the load and functions as a filter to smooth the
output voltage. When a large inductor is selected, the Inductor
ripple current ΔIL and the output voltage ripple ΔVP-P are
reduced. It is the trade-off between the size and the cost of the inductor.
The inductance of the inductor is shown by the following equation:
���� =
(������������(������������)−����������������)×����������������
������������(������������)×������������×∆��������
[H]
Where:
������������(������������) is the input voltage (Max) [V]
����������������
is the output voltage [V]
������������
is the switching frequency [Hz]
∆��������
is the peak to peak inductor current [A]
In current mode control, the sub-harmonic oscillation may happen. The slope compensation is integrated into the IC to
prevent the sub-harmonic oscillation. The sub-harmonic oscillation depends on the rate of increase of output switch
current. If the inductor value is too small, the sub-harmonic oscillation may happen because the inductor ripple current
ΔIL is increased. If the inductor value is too large, the feedback loop may not achieve stability because the inductor ripple
current
ΔIL is decreased. Therefore, the recommended inductor value range for each output current is shown below.
Table 2. Inductor range of each output current
Output Voltage
OCP_SEL
Maximum Output Current
Inductor Range
1.1 V to 8.5 V
H
1.0 A
4.7
μH to 15 μH
L
0.5 A
4.7
μH to 15 μH
0.8 V to 1.1 V
H
1.0 A
10
μH to 15 μH
L
0.5 A
10
μH to 15 μH
If the ΔIL becomes small, the Inductor core loss (iron loss), the loss due to ESR of the output capacitor and the ΔVP-P
(Output peak-to-peak ripple voltage) are also reduced.
ΔVP-P is shown in the following equation.
∆��������−���� = ∆�������� × ������������ +
∆��������
8����������������������������
[V]
(a)
Where:
������������
is the equivalent series resistance of the output capacitor
[Ω]
����������������
is the output capacitance [F]
∆��������
is the peak to peak inductor current [A]
������������
is the switching frequency [Hz]
Even
if ΔIL is large, the ΔVP-P target is usually satisfied by using a ceramic capacitor because it has a low ESR.
The advantage of this is that the inductance value can be set smaller. It also contributes to the miniaturization of the
application board because when the inductance value is small, the inductor that has large rated current and is small can
be selected.
The disadvantages are increase of core losses in the inductor.
The shielded type (closed magnetic circuit type) is the recommended type of inductor to be used. It is important not to
magnetic saturate the core in any situation, so please make sure that the definition of rated current is different according
to the manufactures. Please check the rated current at maximum ambient temperature of application to inductor
manufacturer.


유사한 부품 번호 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

유사한 설명 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com