전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD9P1X5EFV-C 데이터시트(PDF) 32 Page - Rohm

부품명 BD9P1X5EFV-C
상세설명  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD9P1X5EFV-C 데이터시트(HTML) 32 Page - Rohm

Back Button BD9P1X5EFV-C Datasheet HTML 28Page - Rohm BD9P1X5EFV-C Datasheet HTML 29Page - Rohm BD9P1X5EFV-C Datasheet HTML 30Page - Rohm BD9P1X5EFV-C Datasheet HTML 31Page - Rohm BD9P1X5EFV-C Datasheet HTML 32Page - Rohm BD9P1X5EFV-C Datasheet HTML 33Page - Rohm BD9P1X5EFV-C Datasheet HTML 34Page - Rohm BD9P1X5EFV-C Datasheet HTML 35Page - Rohm BD9P1X5EFV-C Datasheet HTML 36Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
32/57
TSZ02201-0J1J0AL01480-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
08.Apr.2020 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD9P1x5EFV-C Series
Selection of Components Externally Connected - continued
2.
Selection of Output Capacitor COUT
The output capacitor is selected based on the ESR that is required from the previous page
equation (a). ΔVP-P can be
reduced by using a capacitor with a small ESR.
The ceramic capacitor is the best option that meets this requirement. It is because not only it has a small ESR but the
ceramic capacitor also contributes to the size reduction of the application circuit. Please confirm the frequency
characteristics of ESR from the datasheet of the capacitor manufacturer, and consider a low ESR value for the switching
frequency being used. It is necessary to consider that the capacitance of the ceramic capacitor changes obviously
according to DC biasing characteristic. For the voltage rating of the ceramic capacitor, twice or more the maximum
output voltage is usually required. By selecting a high voltage rating, it is possible to reduce the influence of DC bias
characteristics. Moreover, in order to maintain good temperature characteristics, the one with the characteristics of X7R
or better is recommended. Because the voltage rating of a large ceramic capacitor is low, the selection becomes difficult
for an application with high output voltage. In that case, please connect multiple ceramic capacitors.
These capacitors are rated in ripple current. The RMS values of the ripple current that can be obtained in the following
equation and must not exceed the ripple current rating.
��������������������(������������) =
∆��������
√12
[A]
Where:
��������������������(������������)
is the value of the ripple electric current [A]
∆��������
is the peak to peak inductor current [A]
Next, when the output setting voltage is 3.3 V or more, the output ceramic capacitor COUT is recommended for 22 μF
(Typ) or more. When the output setting voltage less than 3.3 V, the output ceramic capacitor COUT is recommended to
the following equation.
����������������
72.6
����������������
[
μF]
Where:
����������������
is the output voltage [V]
When selecting the capacitor ensure that the capacitance COUT_WORST of the following equation is maintained at the
characteristics of DC Bias, AC Voltage, temperature and tolerance. The approximate value can be calculated by this
formula.
����������������_��������������������
54.5
����������������
[
μF]
Where:
����������������
is the output voltage [V]
If the capacitance falls below this value, the oscillation may happen. When using the electrolytic capacitor and the
conductive polymer hybrid aluminum electrolytic capacitor, please place it in addition to the ceramic capacitors with the
capacity described above. Actually, the changes in the frequency characteristic are greatly affected by the type and the
condition (temperature, etc.) of parts that are used, the wire routing and layout of the PCB. Please confirm stability and
responsiveness in actual application.
In addition, for the total value of capacitance in the output line COUT(Max), please choose a capacitance value less than
the value obtained by the following equation:
����������������(������������) <
������������(������������)×1.25×(����������������(������������)−����������������_��������������������(������������))
����������������
[F]
Where:
����������������(������������)
is the OCP operation current (Min) [A]
������������(������������)
is the Soft Start Time (Min) [s]
����������������_��������������������(������������) is the maximum load current during startup [A]
����������������
is the output voltage [V]
If the limits from the above-mentioned are exceeded, Startup failure may happen in 7.9 ms after VOUT starts up. If the
capacitance value is extremely large, over-current protection may be activated by the inrush current at startup
preventing the output to turn on. Please confirm this on the actual application.
Also, in case of large changing input voltage and load current, select the capacitance by verifying that the actual
application setup meets the required specification.


유사한 부품 번호 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

유사한 설명 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com