전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD9P1X5EFV-C 데이터시트(PDF) 34 Page - Rohm

부품명 BD9P1X5EFV-C
상세설명  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD9P1X5EFV-C 데이터시트(HTML) 34 Page - Rohm

Back Button BD9P1X5EFV-C Datasheet HTML 30Page - Rohm BD9P1X5EFV-C Datasheet HTML 31Page - Rohm BD9P1X5EFV-C Datasheet HTML 32Page - Rohm BD9P1X5EFV-C Datasheet HTML 33Page - Rohm BD9P1X5EFV-C Datasheet HTML 34Page - Rohm BD9P1X5EFV-C Datasheet HTML 35Page - Rohm BD9P1X5EFV-C Datasheet HTML 36Page - Rohm BD9P1X5EFV-C Datasheet HTML 37Page - Rohm BD9P1X5EFV-C Datasheet HTML 38Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
34/57
TSZ02201-0J1J0AL01480-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
08.Apr.2020 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD9P1x5EFV-C Series
Selection of Components Externally Connected - continued
4.
Selection of Output Voltage Setting Resistor RFB1, RFB2 (BD9P105EFV-C)
For the BD9P105EFV-C, the output voltage is set with external resistors RFB1 and RFB2. The reference voltage of
GmAmp1 is set to 0.8 V and the IC operates to regulate FB voltage to 0.8 V. The output voltage is defined by the formula
(1). RFB1 and RFB2 should be adjusted to set the required output voltage. If RFB1 and RFB2 are large, the current flowing
through on these resistors is small and the circuit current at no load can be reduced. However, the phase shift is likely to
happen because of the parasitic capacitance of IC and PCB on the FB pin. Therefore, the combined resistance
RFB1//RFB2 should be set to 100 kΩ or less. If the combined resistance RFB1//RFB2 is 100 kΩ or more, CFB1 and CFB2 should
be chosen to satisfy the formula (2). In this case, the value of CFB1 and CFB2 should be chose the capacitor of 47 pF or
more that is much larger than CP.
���������������� =
������������1+������������2
������������2
× 0.8 [V]
(1)
������������1������������1
������������2������������2
≈ 1
(2)
comp
Gm Amp1
0.80 V
CP
FB
VOUT
RFB1
RFB2
CFB1
CFB2
Figure 48. Setting for Output Setting Resistor
If the voltage between input and output increases and the ON time of the SW decreases to under tONMIN, the switching
frequency is decreased. To ensure stable switching frequency, the output voltage must satisfy the following equation. If
this equation is not satisfied, the SW pulse is skipped. In this case, the switching frequency decreases and the output
voltage ripple increases.
���������������� ≥ ������������(������������) × ������������(������������) × ������������������������(������������) [V]
Where:
������������(������������)
is the Input Voltage (Max) [V]
������������(������������)
is the Switching Frequency (Max) [Hz]
(Refer to page 11)
������������������������(������������) is the SW Minimum ON time (Max) [s]
(Refer to page 10)
If the voltage between input and output decreases, the ON time of the SW increases by skipping the off time and the
switching frequency is decreased. To keep switching frequency stably, the following equation must be satisfied.
���������������� ≤ ������������(������������) × (1 − ������������(������������) × ����������������������������(������������)) [V]
Where:
�����������������������������(������������) is the SW Minimum OFF Time (Max) [s]
(Refer to page 10)
5.
Selection of the Bootstrap Capacitor
For Bootstrap capacitor CBST, please connect a 0.1 μF (Typ) ceramic capacitor as close as possible between the BST
pin and the SW pin.
6.
Selection of the VREG Capacitor.
For VREG capacitor CREG, please connect a 1.0 μF (Typ) ceramic capacitor between the VREG pin and GND.


유사한 부품 번호 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

유사한 설명 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com