전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD9P1X5EFV-C 데이터시트(PDF) 39 Page - Rohm

부품명 BD9P1X5EFV-C
상세설명  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD9P1X5EFV-C 데이터시트(HTML) 39 Page - Rohm

Back Button BD9P1X5EFV-C Datasheet HTML 35Page - Rohm BD9P1X5EFV-C Datasheet HTML 36Page - Rohm BD9P1X5EFV-C Datasheet HTML 37Page - Rohm BD9P1X5EFV-C Datasheet HTML 38Page - Rohm BD9P1X5EFV-C Datasheet HTML 39Page - Rohm BD9P1X5EFV-C Datasheet HTML 40Page - Rohm BD9P1X5EFV-C Datasheet HTML 41Page - Rohm BD9P1X5EFV-C Datasheet HTML 42Page - Rohm BD9P1X5EFV-C Datasheet HTML 43Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
39/57
TSZ02201-0J1J0AL01480-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
08.Apr.2020 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD9P1x5EFV-C Series
Application Examples 2
Table 6. Specification Example 2
Parameter
Symbol
Specification Case
Product Name
IC
BD9P135EFV-C
Input Voltage
VIN
8 V to 18 V
Output Voltage
VOUT
3.3 V
Output Current
IOUT
Typ 0.5 A / Max 1.0 A
Operating Temperature Range
Ta
-40 °C to +125 °C
VIN
VMODE
VSSCG
CBST
L1
COUT1
RRST
CREG
VIN
PVIN
EN
PGND
VREG
OCP_SEL
BST
SW
VCC_EX
VOUT_SNS
RESET
MODE
SSCG
CIN1
GND
VOUT_DIS
CIN2
VOUT
COUT2
CBLK
LF1
VBAT
CF1
Π-type filter
CF2
Figure 62. Reference Circuit 2
Table 7. Application Example 2 Parts List with
π-type filter
No.
Package
Parameters
Part Name (Series)
Type
Manufacturer
CF1
(Note 1)
3216
1 µF, X7R, 50 V
GCJ31MR71H105K
Ceramic
MURATA
LF1
W6.0 x H4.5 x L6.3 mm
3
2.2 µH
CLF6045NIT-2R2N-D
Inductor
TDK
CF2
1005
0.1 µF, X7R, 50 V
GCM155R71H104K
Ceramic
MURATA
CBLK
φ10 mm x L10 mm
220 µF, 35 V
UWD1V221MCL1GS
Electrolytic
capacitor
NICHICON
CIN2
(Note 1)
3216
1 µF, X7R, 50 V
GCJ31MR71H105K
Ceramic
MURATA
CIN1
1005
0.1 µF, X7R, 50 V
GCM155R71H104K
Ceramic
MURATA
CREG
2012
1 µF, X7R, 16 V
GCM21BR71C105K
Ceramic
MURATA
CBST
1005
0.1 µF, X7R, 50 V
GCM155R71H104K
Ceramic
MURATA
RRST
1005
10 k
Ω, 1 %, 1/16 W
MCR01MZPF1002
Chip resistor
ROHM
L1
W6.0 x H4.5 x L6.3 mm
3
4.7 µH
CLF6045NIT-4R7N-D
Inductor
TDK
COUT1
3225
22 µF, X7R, 10 V
GCM32ER71A226K
Ceramic
MURATA
COUT2
-
Open
-
-
-
(Note 1) To reduce EMI noise level, 4.7 µF, (3225, X7R, 50 V, GCM32ER71H475K) is recommended for CF1 and CIN2.
Table 8. Application Example 2 Parts List without
π-type filter
No.
Package
Parameters
Part Name (Series)
Type
Manufacturer
CF1
-
Open
-
-
-
LF1
-
Open
-
-
-
CF2
-
Open
-
-
-
CBLK
-
Open
-
-
-
CIN2
3225
4.7 µF, X7R, 50 V
GCM32ER71H475K
Ceramic
MURATA
CIN1
1005
0.1 µF, X7R, 50 V
GCM155R71H104K
Ceramic
MURATA


유사한 부품 번호 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

유사한 설명 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com