전자부품 데이터시트 검색엔진 |
|
BD9P1X5EFV-C 데이터시트(PDF) 4 Page - Rohm |
|
BD9P1X5EFV-C 데이터시트(HTML) 4 Page - Rohm |
4 / 60 page 4/57 TSZ02201-0J1J0AL01480-1-2 © 2019 ROHM Co., Ltd. All rights reserved. 08.Apr.2020 Rev.002 www.rohm.com TSZ22111 • 15 • 001 BD9P1x5EFV-C Series Pin Description Pin No. Pin Name Function 1 EN Enable pin. Apply low level (0.8 V or lower) to disable device and apply high level (2.0 V or higher) to enable device. This pin must not be left open. If this pin is connected to other devices, it is recommended to insert a current limiting resistor to avoid damages caused by a short between pins. 2 VIN Power supply input pins for the internal circuit. Connect this pin to the PVIN pins. 3, 4 PVIN Power supply input pins that are used for the output stage of the switching regulator. Connect input ceramic capacitors referring Page 33 between the PGND pins and these pins. 5 N.C. This pin is not connected to the chip. Use this as open. If this pin is used other than open and adjacent pins are expected to be shorted, please confirm if there is any problem with the actual application. 6, 7 PGND Ground pins for the output stage of the switching regulator. 8, 9 SW Switching node pins. These pins are connected to the source of the internal High Side FET and the drain of the internal Low Side FET. Connect the power inductor and the bootstrap capacitor. 10 BST Connect a bootstrap capacitor of 0.1 µF (Typ) between this pin and the SW pins. The voltage of this capacitor is the gate drive of the High Side FET. 11 OCP_SEL This is OCP threshold selective pin. OCP threshold is set to 1.250 A (Typ) at high, and 0.625 A (Typ) at low. These values mean the average inductor current. Connect this pin to VREG (High) or GND (Low). 12 MODE Pin to select FPWM (Forced PWM) mode, AUTO (Automatically switched between PWM mode and LLM) mode, or SYNC (Activate synchronization) mode. In case of using FPWM mode, set high. In case of using AUTO mode, set low or open. In case of using SYNC mode, apply a clock to this pin. 13 SSCG Pin to select Spread Spectrum function. Set high to enable Spread Spectrum and set low to disable Spread Spectrum. Connect this pin to VREG (High) or GND (Low). 14 RESET Output reset pin with open drain. Connect a pull-up resistor to the VREG pin or the power supply within the absolute maximum voltage ratings of the RESET pin. Using a 5 kΩ to 100 kΩ resistance is recommended. 15 GND Ground pin. 16 VOUT_DIS This pin discharges the VOUT node. Connect this pin to the VOUT when discharge function is required. Otherwise, connect this pin to GND. 17 (BD9P105EFV-C) VOUT_SNS Pin to define the clamp voltage of GmAmp2 output and phase compensation. Connect this pin to the output voltage. 17 (BD9P135EFV-C, BD9P155EFV-C) Inverting input node of the GmAmp1. This pin is used for OVP, SCP and RESET detection. And, this pin is used for defining the clamp voltage of GmAmp2 output and phase compensation. Connect this pin to the output voltage. 18 (BD9P105EFV-C) FB Inverting input node of the GmAmp1. This pin is used for OVP, SCP and RESET detection. Connect output voltage divider to this pin to set the output voltage. 18 (BD9P135EFV-C, BD9P155EFV-C) N.C. This pin is not connected to the chip. Use this as open. If this pin is used other than open and adjacent pins are expected to be shorted, please confirm if there is any problem with the actual application. 19 VCC_EX This pin is power supply input for internal circuit. VREG voltage is supplied from VCC_EX when voltage between 3.2 V (VTEXH, Max) and 5.65 V (VEXOVPL, Min) is connected to this pin. Connecting this pin to VOUT improves efficiency. In case of not use this function, connect this pin to GND. 20 VREG Pin to output 3.3 V (Typ) for internal circuit. Connect a ceramic capacitor of 1.0 µF (Typ). Do not connect to any external loads except the OCP_SEL pin, the MODE pin, the SSCG pin and a pull-up resistor to the RESET pin. - EXP-PAD Exposed pad. The EXP-PAD is connected to the P substrate of the IC. Connect this pad to the internal PCB ground plane using multiple via holes to obtain excellent heat dissipation characteristics. |
유사한 부품 번호 - BD9P1X5EFV-C |
|
유사한 설명 - BD9P1X5EFV-C |