전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD9P1X5EFV-C 데이터시트(PDF) 49 Page - Rohm

부품명 BD9P1X5EFV-C
상세설명  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD9P1X5EFV-C 데이터시트(HTML) 49 Page - Rohm

Back Button BD9P1X5EFV-C Datasheet HTML 45Page - Rohm BD9P1X5EFV-C Datasheet HTML 46Page - Rohm BD9P1X5EFV-C Datasheet HTML 47Page - Rohm BD9P1X5EFV-C Datasheet HTML 48Page - Rohm BD9P1X5EFV-C Datasheet HTML 49Page - Rohm BD9P1X5EFV-C Datasheet HTML 50Page - Rohm BD9P1X5EFV-C Datasheet HTML 51Page - Rohm BD9P1X5EFV-C Datasheet HTML 52Page - Rohm BD9P1X5EFV-C Datasheet HTML 53Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
49/57
TSZ02201-0J1J0AL01480-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
08.Apr.2020 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD9P1x5EFV-C Series
PCB Layout Design
– continued
When designing the PCB layout, please pay extra attention to the following points.
1.
The decoupling capacitors (CIN1) for the VIN pin (pin 2) and the PVIN pins (pin 3, 4) should be placed closest to the
PVIN pins and the PGND pins (pin 6, 7). In addition, placing a capacitor 0.1
μF close to the PVIN pin results in
minimizing the high-frequency noise.
2.
The device, the input capacitor, the output inductor and the output capacitor should be placed on the same side of the
board and the connection of each part should be made on the same layer.
3.
Place the ground plane in a layer closest to the surface layer where the device is mounted.
4.
The GND pin (pin 15) is the reference ground and the PGND pins are the power ground. These pins should be
connected through the back side of the device. The power systems ground should be connected to the ground plane
using as many vias as possible.
5.
The capacitor for VREG should be placed closest to the VREG pin (pin 20), the GND pin and the PGND pin. As
shown in the Recommended Board Layout Example, it can be realized that connecting with the shortest distance for
the GND pin and the PGND pins by placing the capacitor for VREG on the closest to the VREG pin and wiring at the
back side of the IC.
6.
Place Bootstrap capacitor CBST close to the device with short traces to the SW pins (pin 8, 9) and the BST pin (pin
10).
7.
To minimize the emission noise from switching node, the distance between the SW pins to inductor should be as
short as possible and not to expand the copper area more than necessary.
8.
Place the output capacitor close to the inductor and power ground area.
9.
Make the feedback line from the output away from the inductor and the switching node. If this line is affected by
external noise, an error may be occurred in the output voltage or the control may become unstable. Therefore, move
the feedback line to back side layer of the board through via and connect it to the VOUT_SNS pin (pin 17). When the
VCC_EX function and the output discharge function are used, connect it to the VCC_EX (pin 19) and the VOUT_DIS
pin (pin 16) as well, respectively.
10. RFB1 and RFB2 Feedback resistors are needed for BD9P105EFV-C. Place RFB1, RFB2 close to the FB pin (pin 18).
11. RFB0 is for measuring the frequency characteristic of the feedback. By inserting a resistor in RFB0, the frequency
characteristics (phase margin) of the feedback can be measured. RFB0 should be short-circuited for the normal use.
Figure 90. Recommended Board Layout Example (for BD9P1x5EFV-C)
SW
FB
VOUT_SNS
L1
RFB1
RFB2
VOUT
COUT
( RFB0 )
VCC_EX
Figure 91. The resistor for measuring the frequency characteristic of the feedback
Power Ground Area
Reference Ground Area


유사한 부품 번호 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

유사한 설명 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com