전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD9P1X5EFV-C 데이터시트(PDF) 50 Page - Rohm

부품명 BD9P1X5EFV-C
상세설명  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD9P1X5EFV-C 데이터시트(HTML) 50 Page - Rohm

Back Button BD9P1X5EFV-C Datasheet HTML 46Page - Rohm BD9P1X5EFV-C Datasheet HTML 47Page - Rohm BD9P1X5EFV-C Datasheet HTML 48Page - Rohm BD9P1X5EFV-C Datasheet HTML 49Page - Rohm BD9P1X5EFV-C Datasheet HTML 50Page - Rohm BD9P1X5EFV-C Datasheet HTML 51Page - Rohm BD9P1X5EFV-C Datasheet HTML 52Page - Rohm BD9P1X5EFV-C Datasheet HTML 53Page - Rohm BD9P1X5EFV-C Datasheet HTML 54Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
50/57
TSZ02201-0J1J0AL01480-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
08.Apr.2020 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD9P1x5EFV-C Series
Power Dissipation
For thermal design, be sure to operate the IC within the following conditions.
(Since the temperatures described hereunder are all guaranteed temperatures, take margin into account.)
1.
The ambient temperature Ta is to be 125 °C or less.
2.
The chip junction temperature Tj is to be 150 °C or less.
The chip junction temperature Tj can be considered in the following two patterns:
1.
To obtain Tj from the package surface center temperature Tt in actual use
�������� = �������� + ������������ × ���� [°C]
2.
To obtain Tj from the ambient temperature Ta
�������� = �������� + ������������ × ���� [°C]
Where:
������������
is junction to top characterization parameter
(Refer to page 9)
������������
is junction to ambient
(Refer to page 9)
The heat loss W of the IC can be obtained by the formula shown below.
This formula is approximation, please confirm this on the actual application circuit.
���� = ���������������� × ����������������2 ×
����������������
������������
+ ���������������� × ����������������2 (1 −
����������������
������������
)
+������������ × ��������_������������4 + ���������������� × ��������_������������_��������2 +
1
2
× (�������� + ��������) × ������������ × ���������������� × ������������ [W]
Where:
����������������
is the High Side FET ON Resistance [Ω]
(Refer to page 11)
����������������
is the Low Side FET ON Resistance [Ω]
(Refer to page 11)
����������������
is the Load Current [A]
����������������
is the Output Voltage [V]
������������
is the Input Voltage [V]
��������_������������4
is the Quiescent Current from VIN [A]
(Refer to page 10)
��������_������������_��������2
is the Quiescent Current from VCC_EX [A]
(Refer to page 10)
��������
is the Switching Rise Time [s] (5 ns, Typ)
��������
is the Switching Fall Time [s] (5 ns, Typ)
������������
is the Switching Frequency [Hz]
(Refer to page 11)
1.
���������������� × ����������������2
2.
���������������� × ����������������2
3.
1
2
× (�������� + ��������) × ������������ × ����������������� × ������������
Figure 92. SW Waveform
tr
tf


유사한 부품 번호 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

유사한 설명 - BD9P1X5EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com