์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BD3852MUZ-Z ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - Rohm

๋ถ€ํ’ˆ๋ช… BD3852MUZ-Z
์ƒ์„ธ๋‚ด์šฉ  Shock Sensor (Impact Sensor) IC
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ROHM [Rohm]
ํ™ˆํŽ˜์ด์ง€  http://www.rohm.com
Logo ROHM - Rohm

BD3852MUZ-Z ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - Rohm

Back Button BD3852MUZ-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 2Page - Rohm BD3852MUZ-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 3Page - Rohm BD3852MUZ-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 4Page - Rohm BD3852MUZ-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 5Page - Rohm BD3852MUZ-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 6Page - Rohm BD3852MUZ-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 7Page - Rohm BD3852MUZ-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 8Page - Rohm BD3852MUZ-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 9Page - Rohm BD3852MUZ-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/14
TSZ02201-0E3E0FZ00890-1-2
ฉ 2020 ROHM Co., Ltd. All rights reserved.
11.Mar.2020 Rev.001
www.rohm.com
TSZ22111 ? 15 ? 001
BD3852MUZ-Z
2. OP-AMP Characteristics ? continued
(3) Filter
(4) VREF
Reference Data(Note 3)
(Note 3) No shipping test is performed for the reference data.
1. OP-AMP1
2. OP-AMP2
3. Filter
Parameter
Symbol
Standard Values
Unit
Conditions
Min
Typ
Max
Output DC Voltage
VDC3
200
400
600
mV
Output Load Fluctuations
(Source)
VSOURCE3
-100
-
-
mV
Difference between the output
DC voltage with no load and the
output DC voltage when 80 ตA is
subtracted
Output Load Fluctuations
(Sink)
VSINK3
-
-
+100
mV
Difference between the output
DC voltage with no load and the
output DC voltage when 80 ตA is
added
Voltage Gain
GV
-
13.9
-
dB
Notch Attenuation Rate
ATT
-
-
-23
dB
Attenuation rate at fO = 31 kHz
when the signal amplitude of the
A1O pin is 5 mVpp
Parameter
Symbol
Standard Values
Unit
Conditions
Min
Typ
Max
REF1 Output Voltage
VREF1
0.35
0.40
0.45
V
With no load
REF2 Output Voltage
VREF2
0.68
0.80
0.92
V
With no load
REF2 Output Load Fluctuations
(Source)
VREF2SO
-100
-
-
mV
Difference in the output DC
voltages with no load and when
80 ตA is subtracted
REF2 Output Load Fluctuations
(Sink)
VREF2SI
-
-
+100
mV
Difference in the output DC
voltages with no load and when
80 ตA is added
Parameter
Symbol
Standard Values
Unit
Conditions
Min
Typ
Max
Input Bias Voltage
VIN
-
0.4
-
V
With no signal
Input Impedance
ZIN
-
60
-
M?
GBW (Cut-off Frequency)
fT1
-
1.5
-
MHz
Parameter
Symbol
Standard Values
Unit
Conditions
Min
Typ
Max
GBW (Cut-off Frequency)
fT2
-
1.5
-
MHz
Parameter
Symbol
Standard Values
Unit
Conditions
Min
Typ
Max
Notch Frequency
fO
-
31
-
kHz
When the signal amplitude of the
A1O pin is 5 mVpp


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


๋ฐ์ดํ„ฐ์‹œํŠธ Download

Go To PDF Page


๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reservedฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn