전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD18326NUF-M 데이터시트(PDF) 21 Page - Rohm

부품명 BD18326NUF-M
상세설명  40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD18326NUF-M 데이터시트(HTML) 21 Page - Rohm

Back Button BD18326NUF-M Datasheet HTML 17Page - Rohm BD18326NUF-M Datasheet HTML 18Page - Rohm BD18326NUF-M Datasheet HTML 19Page - Rohm BD18326NUF-M Datasheet HTML 20Page - Rohm BD18326NUF-M Datasheet HTML 21Page - Rohm BD18326NUF-M Datasheet HTML 22Page - Rohm BD18326NUF-M Datasheet HTML 23Page - Rohm BD18326NUF-M Datasheet HTML 24Page - Rohm BD18326NUF-M Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21/36
© 2020 ROHM Co., Ltd. All rights reserved.
BD18326NUF-M
28.Sep.2020 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
TSZ02201-0T1T0B300340-1-2
Recommended Operating Conditions
No.
Parameter
Symbol
Min
Typ
Max
Unit
O-1 Supply Voltage(Note 1) (Note 2)
VIN
5.5
13.0
20.0
V
O-2 OUT Pin Maximum Output Current
(DC)
IOUT(DC)
-
-
400
mA
O-3 OUT Pin Maximum Output Current
(ON Duty: 50 %)
IOUT(50%DUTY)
-
-
600
mA
O-4 PWM Dimming Frequency
fPWM
200
-
750
Hz
O-5 PWM Minimum Pulse Width (Note 3)
tMIN
50
-
-
µs
O-6 Operating Temperature
Topr
-40
-
+150
°C
(Note 1) ASO should not be exceeded.
(Note 2) At start up, apply 6.5 V or more once. The value is the voltage range after applying 6.5 V or more once.
(Note 3) It is the same as when the pulse input to the CRT pin.
External Parts Setting Range
No.
Parameter
Symbol
Min
Typ
Max
Unit
P-1 Capacitor Connecting The VIN Pin
at Operating DC Mode Only(Note 3)
CVIN_DC
0.47
-
-
μF
P-2 Capacitor Connecting The VIN Pin
at Operating PWM Mode(Note 3)
CVIN_PWM
1.0
-
-
μF
P-3
Capacitor
Connecting The OUT Pin(Note 4)
(ILED < 400 mA)
COUT U400
-
-
1.0
μF
P-4
Capacitor
Connecting The OUT Pin(Note 4)
(ILED ≥ 400 mA)
COUT O400
0.1
-
1.0
μF
P-5 Capacitor
Connecting The ISINK Pin
CISINK
-
-
1.0
nF
P-6 Capacitor for Setting CR Timer
CCRT
0.047
0.100
0.220
μF
P-7 Resistor for Setting CR Timer
RCRT
0.1
-
50.0
P-8 Resistor for Setting Output Current
RSET
4.0
-
24.0
P-9 Resistor for DCIN Pull-down
RDCIN
-
-
10
P-10 Resistor for Setting BPCNT 1
RBP1
10.5
-
100.0
P-11 Resistor for Setting BPCNT 2
RBP2
3.3
-
30.0
P-12 Resistor for Setting BPCNT 3
RBP3
0.24
-
96.50
(Note 3) Connect CVIN_DC or CVIN_PWM within 10 mm from the IC. If they are connected more than 10 mm from the IC, there is a possibility of unstable operation
such as oscillation of output current IOUT etc. So consider with enough evaluation on actual board
(Note 4) If a long wire connects from the OUT pin to the LED anode, there is a possibility of output current IOUT oscillation.
After consideration with enough evaluation, connect a capacitor connecting to the OUT pin COUT between the OUT pin and GND to prevent oscillation.


유사한 부품 번호 - BD18326NUF-M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BD183 ETC1-BD183 Datasheet
144Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Comset Semiconductor
BD183 COMSET-BD183 Datasheet
150Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
BD183 COMSET-BD183 Datasheet
78Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Rohm
BD18332EUV-M ROHM-BD18332EUV-M Datasheet
5Mb / 98P
   24CH Linear LED Driver Embedded Automotive Lamps LED Driver
14.Oct.2022 Rev.001
BD18332EUV-ME2 ROHM-BD18332EUV-ME2 Datasheet
5Mb / 98P
   24CH Linear LED Driver Embedded Automotive Lamps LED Driver
14.Oct.2022 Rev.001
More results

유사한 설명 - BD18326NUF-M

제조업체부품명데이터시트상세설명
logo
Rohm
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
BD18337EFV-M ROHM-BD18337EFV-M Datasheet
1Mb / 38P
   For Automotive, 40 V 150 mA 4ch Constant Current LED Driver
8.Apr.2022 Rev.003
BD18340FV-M ROHM-BD18340FV-M Datasheet
1Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18345EFV-M ROHM-BD18345EFV-M Datasheet
3Mb / 41P
   Constant Current Controller for Automotive LED Lamps
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
Rohm
BD18353EFV-M ROHM-BD18353EFV-M Datasheet
2Mb / 56P
   1ch High Current LED Controller for Automotive
05.Feb.2021 Rev.002
logo
Sanyo Semicon Device
LV8082LP_0712 SANYO-LV8082LP_0712 Datasheet
104Kb / 6P
   Constant-voltage 1ch Constant-current 1ch H-Bridge
logo
ON Semiconductor
CAT4104V-GT3 ONSEMI-CAT4104V-GT3 Datasheet
254Kb / 14P
   700 mA Quad Channel Constant Current LED Driver
Doc. No. MD-5041 Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com