์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 25 Page - Rohm

๋ถ€ํ’ˆ๋ช… BD18326NUF-M
์ƒ์„ธ๋‚ด์šฉ  40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ROHM [Rohm]
ํ™ˆํŽ˜์ด์ง€  http://www.rohm.com
Logo ROHM - Rohm

BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 25 Page - Rohm

Back Button BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 21Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 22Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 23Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 24Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 25Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 26Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 27Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 28Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 29Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
25/36
ฉ 2020 ROHM Co., Ltd. All rights reserved.
BD18326NUF-M
28.Sep.2020 Rev.001
www.rohm.com
TSZ22111 ? 15 ? 001
TSZ02201-0T1T0B300340-1-2
Typical Performance Curves (Reference Data)
(Unless otherwise specified Tj = 25 ฐC, VIN = 13 V)
Figure 1. VIN Pin Circuit Current at Normal Mode
vs Supply Voltage
Figure 2. Output Current
vs Resistor for Setting Output Current
Figure 3. Output Current Accuracy vs Temperature
Figure 4. Output Current
vs Drop Voltage between VIN Pin and OUT Pin
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8 10 12 14 16 18 20
Supply Voltage: VIN [V]
Tj = -40 ฐC
Tj = +25 ฐC
Tj = +150 ฐC
0
100
200
300
400
500
600
700
800
4
6
8 10 12 14 16 18 20 22 24
Resistor for Setting Output Current: RSET [k?]
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-50 -25
0
25
50
75 100 125 150
Temperature [ฐC]
IOUT = 100 mA
IOUT = 240 mA
IOUT = 400 mA
0
100
200
300
400
500
600
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Drop Voltage between VIN Pin and OUT Pin:
VDR1 to VDR3 [V]
Tj = -40 ฐC
Tj = +25 ฐC
Tj = +150 ฐC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


๋ฐ์ดํ„ฐ์‹œํŠธ Download

Go To PDF Page


๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reservedฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn