전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BD18326NUF-M 데이터시트(HTML) 27 Page - Rohm

부품명 BD18326NUF-M
상세내용  40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD18326NUF-M 데이터시트(HTML) 27 Page - Rohm

Back Button BD18326NUF-M 데이터시트 HTML 23Page - Rohm BD18326NUF-M 데이터시트 HTML 24Page - Rohm BD18326NUF-M 데이터시트 HTML 25Page - Rohm BD18326NUF-M 데이터시트 HTML 26Page - Rohm BD18326NUF-M 데이터시트 HTML 27Page - Rohm BD18326NUF-M 데이터시트 HTML 28Page - Rohm BD18326NUF-M 데이터시트 HTML 29Page - Rohm BD18326NUF-M 데이터시트 HTML 30Page - Rohm BD18326NUF-M 데이터시트 HTML 31Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
27/36
© 2020 ROHM Co., Ltd. All rights reserved.
BD18326NUF-M
28.Sep.2020 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
TSZ02201-0T1T0B300340-1-2
Typical Performance Curves (Reference Data) – continued
(Unless otherwise specified Tj = 25 °C, VIN = 13 V)
Figure 9. ISINK Pin Sink Current
vs Resistor for Setting Output Current
Figure 10. ISINK Pin Sink Current
vs Voltage between ISINK Pin and GND
Figure 11. ISINK Pin Sink Current
vs BPCNT Pin Input Current
0
100
200
300
400
500
600
700
800
4
6
8 10 12 14 16 18 20 22 24
Resistor for Setting Output Current: RSET [kΩ]
0
100
200
300
400
500
600
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Voltage between ISINK Pin and GND:
VDRIS1 to VDRIS3 [V]
Tj = -40 °C
Tj = +25 °C
Tj = +150 °C
0
25
50
75
100
125
150
0
5
10
15
20
25
30
BPCNT Pin Input Current: IBPCNT [μA]
Tj = -40 °C
Tj = +25 °C
Tj = +150 °C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn