์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 30 Page - Rohm

๋ถ€ํ’ˆ๋ช… BD18326NUF-M
์ƒ์„ธ๋‚ด์šฉ  40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ROHM [Rohm]
ํ™ˆํŽ˜์ด์ง€  http://www.rohm.com
Logo ROHM - Rohm

BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 30 Page - Rohm

Back Button BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 26Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 27Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 28Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 29Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 30Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 31Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 32Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 33Page - Rohm BD18326NUF-M ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 34Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
30/36
ฉ 2020 ROHM Co., Ltd. All rights reserved.
BD18326NUF-M
28.Sep.2020 Rev.001
www.rohm.com
TSZ22111 ? 15 ? 001
TSZ02201-0T1T0B300340-1-2
Application Examples ? continued
3. IOUT = 387 mA, 3 White LEDs in Series, PWM ON Duty = 10 %, Pulse Width = 0.334 ms, PWM Frequency = 300 Hz
Recommended Parts List 3
Parts
No
Parts Name
Value
UNIT
Product Maker
IC
U1
BD18326NUF-M
-
-
ROHM
Diode
D1
RFN2LAM6STF
-
-
ROHM
D2
RFN2LAM6STF
-
-
ROHM
D3
RFN2LAM6STF
-
-
ROHM
ZD
TND12H-220KB00AAA0
-
-
NIPPON
CHEMICON
Resistor
RSET
MCR03EZPFX6201
6.2
k?
ROHM
RCRT
MCR03EZPFX3601
3.6
k?
ROHM
RDCIN
MCR03EZPFX3902
39
k?
ROHM
Thermistor
NTC
NTCG104LH154JTDS
150
k?
TDK
Capacitor
CVIN
GCM31CL81H105KA40
1.0
?F
murata
CCRT
GCM188L81H104KA42
0.1
?F
murata
Caution: About ZD, mount according to test standard of battery line.
U1
BD18326NUF-M
THD
GND
VIN
PBUS
CR
DISC
+B
OUT
SET
PWM
SW
DC
SW
RSET
NTC
CCRT
RCRT
D1
D2
D3
CVIN
RDCIN
ZD
ISINK
RBP2
RBP1
BPCNT
RBP3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


๋ฐ์ดํ„ฐ์‹œํŠธ Download

Go To PDF Page


๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reservedฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn