์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 9 Page - Rohm

๋ถ€ํ’ˆ๋ช… BD63621MUV
์ƒ์„ธ๋‚ด์šฉ  Stepping Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ROHM [Rohm]
ํ™ˆํŽ˜์ด์ง€  http://www.rohm.com
Logo ROHM - Rohm

BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 9 Page - Rohm

Back Button BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 5Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 6Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 7Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 8Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 9Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 10Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 11Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 12Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9/24
BD63621MUV
TSZ02201-0P2P0B701290-1-2
ฉ 2017 ROHM Co., Ltd. All rights reserved.
21.Dec.2020 Rev.002
www.rohm.com
TSZ22111?15?001
The merits of each decay mode are as follows:
?SLOW DECAY
During current attenuation, the voltage between motor coils is small and the regeneration current decreases slowly,
decreasing the output current ripple. This is favorable for keeping motor torque high. However, due to fall-off of current
control characteristics in the low-current region, or due to reverse EMF of the output motors exhibited when using
high-pulse-rate half-step or quarter-step modes, the output current increases, distorting the output current waveform and
increasing motor vibration. Thus, this decay mode is most suited to full-step modes, or low-pulse-rate half-step or
quarter-step modes.
?FAST DECAY
Fast decay decreases the regeneration current much more quickly than slow decay, greatly reducing distortion of the
output current waveform. However, fast decay yields a much larger output current ripple, which decreases the overall
average current running through the motor. This causes two problems: first, the motor torque decreases (increasing the
current limit value can help eliminate this problem, but the rated output current must be taken into consideration); and
second, the power loss within the motor increases and thereby radiates more heat. If neither of these problems is of
concern, then fast decay can be used for high-pulse rate half- or quarter-step drive.
Additionally, this IC allows for a mixed decay mode that can help improve upon problems that arise from using fast or slow
decay alone. In this mode, the IC switches automatically between slow and fast decay, improving the current control
characteristics without increasing the output current ripple. The ratio of fast to slow decay is set externally via the voltage
input to the MTH pin; therefore, the optimal mix of slow and fast decay can be achieved for each application. Mixed decay
mode operates by splitting the decay period into two sections, the first X%(t1-t2) of which operates the IC in slow decay
mode, and the remainder(t2-t3) of which operates in fast decay mode. However, if the output current (i.e., the voltage on
the RNF pin) does not reach the set current limit during the first X% (t1-t2) decay period, the IC operates in fast decay
mode only.
MTH voltage [V]
Current decay mode
0 to 0.3
SLOW DECAY
0.4 to 1.0
MIX DECAY
1.5 to 3.5
FAST DECAY
Figure 7. Relation between CR terminal voltage, MTH voltage, and output current during mixed decay
CR Voltage
Current limit value
Output Current
0A
GND
1.0V
0.4V
SLOW
DECAY
FAST
DECAY
Chopping Period
tchop
MTH Voltage
t1
t2
t3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


๋ฐ์ดํ„ฐ์‹œํŠธ Download

Go To PDF Page


๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reservedฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn