์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 18 Page - Rohm

๋ถ€ํ’ˆ๋ช… BD63621MUV
์ƒ์„ธ๋‚ด์šฉ  Stepping Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ROHM [Rohm]
ํ™ˆํŽ˜์ด์ง€  http://www.rohm.com
Logo ROHM - Rohm

BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 18 Page - Rohm

Back Button BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 14Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 15Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 16Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 17Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 18Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 19Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 20Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 21Page - Rohm BD63621MUV ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 22Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
18/24
BD63621MUV
TSZ02201-0P2P0B701290-1-2
ฉ 2017 ROHM Co., Ltd. All rights reserved.
21.Dec.2020 Rev.002
www.rohm.com
TSZ22111?15?001
Power dissipation
Please
confirm that the IC?s chip temperature Tj is not over 150ฐC, while considering the IC?s power consumption (W),
Thermal Resistance(ฐC/W) and ambient temperature (Ta). When Tj=150ฐC is exceeded the functions as a semiconductor do
not operate and problems such as parasitism and leaks occur. Constant use under these circumstances leads to deterioration
and eventually destruction of the IC. Tjmax=150ฐC must be strictly obeyed under all circumstances.
Thermal Calculation
The IC?s consumed power can be estimated roughly with the power supply voltage (VCC), circuit current (ICC), output ON
resistance (RONH,RONL) and motor output current value (IOUT).
The calculation method during FULL STEP drive, SLOW DECAY mode is shown here:
Consumed power of the Vcc [W] = VCC [V]?ICC [A] ????????
Consumed power of the output DMOS [W] = (RONH[
?] + RONL[?])?IOUT [A]2?2[ch]?on_duty
During output ON
+ (2?RONL[
?])?IOUT [A]2?2[ch]?(1 - on_duty) ????????
During current decay
However, on duty: PWM on duty = ton / (tchop)
ton varies depending on the L and R values of the motor coil and the current set value. Please confirm by actual
measurement, or make an approximate calculation.
tchop is the chopping period, which depends on the external CR. See P.8 for details.
IC number
Upper PchDMOS ON Resistance
RONH[
?] (Typ)
Lower NchDMOS ON Resistance
RONL[
?] (Typ)
BD63621MUV
0.32
0.17
Consumed power of total IC W_total [W] = ? + ?
Junction temperature Tj = Ta[ฐC] +
?ja[ฐC/W]?W_total [W]
However, the thermal resistance value
?ja ฐC/W differs greatly depending on circuit board conditions. Refer to the
thermal resistance on P.10. Also, we are taking measurements of thermal resistance value
?ja of boards actually in use.
Please feel free to contact our salesman. The calculated values above are only theoretical. For actual thermal design,
please perform sufficient thermal evaluation for the application board used, and create the thermal design with enough
margin to not exceed Tjmax=150ฐC.Although unnecessary with normal use, if the IC is to be used under especially
strict heat conditions, please consider externally attaching a Schottky diode between the motor output terminal and
GND to abate heat from the IC.
?Temperature Monitoring
In respect of BD63621MUV, there is a way to directly measure the approximate chip temperature by using the TEST or
MODEx terminal with a protection diode for prevention from electrostatic discharge. However, temperature monitor using this
TEST terminal is only for evaluation and experimenting, and must not be used in actual usage conditions.
(1) Measure the terminal voltage when a current of Idiode=50ตA flows from the TEST or MODEx terminal to the GND, without
supplying VCC to the IC. This measurement is of the Vf voltage inside the diode.
(2) Measure the temperature characteristics of this terminal voltage. (Vf has a linear negative temperature factor against
the temperature.) With the results of these temperature characteristics, chip temperature may be calibrated from the
TEST terminal voltage.
(3) Supply VCC, confirm the TEST terminal voltage while running the motor, and the chip temperature can be
approximated from the results of (2).
Figure 9. Model diagram for measuring chip temperature
-Vf[mV]
25
150
Chip temperature Tj[ฐC]
Monitor terminal
Vf
Internal circuit
Idiode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


๋ฐ์ดํ„ฐ์‹œํŠธ Download

Go To PDF Page


๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reservedฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn