전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD64008MUV 데이터시트(PDF) 22 Page - Rohm

부품명 BD64008MUV
상세설명  System Motor Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD64008MUV 데이터시트(HTML) 22 Page - Rohm

Back Button BD64008MUV Datasheet HTML 18Page - Rohm BD64008MUV Datasheet HTML 19Page - Rohm BD64008MUV Datasheet HTML 20Page - Rohm BD64008MUV Datasheet HTML 21Page - Rohm BD64008MUV Datasheet HTML 22Page - Rohm BD64008MUV Datasheet HTML 23Page - Rohm BD64008MUV Datasheet HTML 24Page - Rohm BD64008MUV Datasheet HTML 25Page - Rohm BD64008MUV Datasheet HTML 26Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
TSZ02201-0P2P0B001840-1-2
16.Nov.2020 Rev.005
TSZ22111 • 15 • 001
22/36
BD64008MUV
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
3
SWREG
― continued
3.5
SWREG1 Soft Start (at power-on, with ENBSW1 = L)
At the time of power-on, VOUT1 ramps up slowly with a soft start
The rising edge of SWREG1 is synchronized with the timing when ENBSW1 = L and POR release.
Figure 11. SWREG1 Soft Start Operation Timing Diagram
This soft start method is realized by linearly changing the negative side voltage of the gmAMP by using DAC.
Soft start time t1 is constant, regardless of VBB.
Parameter
Specification
Unit
Min
Typ
Max
Soft start time (t1)
6.97
8.20
9.43
ms
Count finish time (t2)
13.94
16.40
18.86
ms
Oscillation
Constant ON Duty
ON Duty = VOUT/VBB
Duty
Increase
t2 = 16.4 ms (Typ)
t1 = 8.2 ms (Typ)
VOUT1 x 75 %
50 ms (Typ)
0 1 2
32
63
VUVHYS (depends on the
external resistor)
SWOUT1
Counter output
ENBSW1
POR signal
DAC1 output
VOUT1
0 V
1.0 V
0 V
2.0 V
3.9 kHz CLOCK
(Generated by dividing
the internal standard
clock)
VBB
VPORH (7.0 V Typ)
VPORL (6.0 V Typ)
(VPORH-VPORHY)
VUV (depends on the
external resistor)
0 V
RESET output
UVDET output


유사한 부품 번호 - BD64008MUV

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BD640CS PANJIT-BD640CS Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
BD640CS ZSELEC-BD640CS Datasheet
146Kb / 2P
   6.0 A SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BD640CS PANJIT-BD640CS_15 Datasheet
260Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD640CS_L2_00001 PANJIT-BD640CS_L2_00001 Datasheet
260Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD640CS_S2_00001 PANJIT-BD640CS_S2_00001 Datasheet
260Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - BD64008MUV

제조업체부품명데이터시트상세설명
logo
Rohm
BD64547MUV ROHM-BD64547MUV Datasheet
1Mb / 39P
   System Motor Driver
logo
Sanyo Semicon Device
LV8212T SANYO-LV8212T Datasheet
154Kb / 13P
   System Motor Driver
logo
Toshiba Semiconductor
TA8411L TOSHIBA-TA8411L Datasheet
596Kb / 15P
   STEPPING MOTOR SYSTEM DRIVER
logo
Rohm
BD8203EFV ROHM-BD8203EFV_15 Datasheet
2Mb / 26P
   5ch System Motor Driver
logo
Sanyo Semicon Device
LV8222W SANYO-LV8222W Datasheet
167Kb / 12P
   CD/MD System Motor Driver
logo
Rohm
BD8229EFV ROHM-BD8229EFV_15 Datasheet
1Mb / 17P
   4ch System Motor Driver IC
logo
Sanyo Semicon Device
LV8220FN SANYO-LV8220FN Datasheet
147Kb / 15P
   CD/MD System Motor Driver
logo
Rohm
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
   4ch System Motor Driver IC
logo
Sanyo Semicon Device
LV8206T SANYO-LV8206T Datasheet
302Kb / 14P
   CD and MD System Motor Driver
logo
Rohm
BD6607KN ROHM-BD6607KN Datasheet
292Kb / 6P
   System Motor Driver for Portable MD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com