전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BD87581YG-C 데이터시트(PDF) 10 Page - Rohm

부품명 BD87581YG-C
부품 상세설명  Automotive Excellent EMI Characteristics Input/Output Rail-to-Rail CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD87581YG-C 데이터시트(HTML) 10 Page - Rohm

Back Button BD87581YG-C Datasheet HTML 6Page - Rohm BD87581YG-C Datasheet HTML 7Page - Rohm BD87581YG-C Datasheet HTML 8Page - Rohm BD87581YG-C Datasheet HTML 9Page - Rohm BD87581YG-C Datasheet HTML 10Page - Rohm BD87581YG-C Datasheet HTML 11Page - Rohm BD87581YG-C Datasheet HTML 12Page - Rohm BD87581YG-C Datasheet HTML 13Page - Rohm BD87581YG-C Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10/21
© 2019 ROHM Co., Ltd. All rights reserved.
16.Jun.2020 Rev.002
www.rohm.com
BD87581YG-C
BD87582YFVM-C
TSZ22111 • 15 • 001
TSZ02201-0GDG2G500030-1-2
Typical Performance Curves - continued
VSS = 0 V
Figure 13. Input Offset Voltage Gain vs Common-mode
Input Voltage
(VDD = 5 V)
Figure 14. Large Signal Voltage Gain vs Supply Voltage
Figure 15. Large Signal Voltage Gain vs Supply Voltage
Figure 16. Common-mode Rejection Ratio vs Supply
Voltage
(Note) The above data are measurement value of typical sample; it is not guaranteed.
0
20
40
60
80
100
120
4
8
12
16
Supply Voltage: V
DD [V]
60
80
100
120
140
160
-50
-25
0
25
50
75
100
125
150
Ambient Temperature: Ta [°C]
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-1
0
1
2
3
4
5
6
Common-mode Input Voltage: V
ICM [V]
60
80
100
120
140
160
4
8
12
16
Supply Voltage: V
DD [V]
Ta = +25 °C
Ta = -40 °C
Ta = -40 °C
Ta = +125 °C
Ta = +25 °C
Ta = +125 °C
VDD = 4.0 V
VDD = 14.0 V
VDD = 5.0 V
Ta = -40 °C
Ta = +125 °C
Ta = +25 °C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn