전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BD87581YG-C 데이터시트(HTML) 12 Page - Rohm

부품명 BD87581YG-C
상세내용  Automotive Excellent EMI Characteristics Input/Output Rail-to-Rail CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD87581YG-C 데이터시트(HTML) 12 Page - Rohm

Back Button BD87581YG-C 데이터시트 HTML 8Page - Rohm BD87581YG-C 데이터시트 HTML 9Page - Rohm BD87581YG-C 데이터시트 HTML 10Page - Rohm BD87581YG-C 데이터시트 HTML 11Page - Rohm BD87581YG-C 데이터시트 HTML 12Page - Rohm BD87581YG-C 데이터시트 HTML 13Page - Rohm BD87581YG-C 데이터시트 HTML 14Page - Rohm BD87581YG-C 데이터시트 HTML 15Page - Rohm BD87581YG-C 데이터시트 HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12/21
© 2019 ROHM Co., Ltd. All rights reserved.
16.Jun.2020 Rev.002
www.rohm.com
BD87581YG-C
BD87582YFVM-C
TSZ22111 • 15 • 001
TSZ02201-0GDG2G500030-1-2
200
400
600
800
1000
Frequency [MHz]
V
IN+
V
IN++0.05
V
IN++0.10
V
IN++0.15
V
IN+-0.05
V
IN+-0.10
V
IN+-0.15
Application Information
EMI Immunity
BD87581YG-C and
BD87582YFVM-C have high tolerance for electromagnetic interference from the outside because they
have EMI filter, and the EMI design is simple. They are most suitable to replace from conventional products. The data of the
IC simple substance on ROHM board are as follows. The test condition is based on ISO11452-2.
Figure 22. EMI Evaluation Board
(BD87581YG-C)
Conventional Product
Figure 24. Measurement Circuit of EMI Evaluation
Figure 21. EMI Characteristics
(Note) The above data is obtained using typical IC simple substance on ROHM board. These values are not guaranteed.
Design and Evaluate in actual application before use.
BD87581YG-C
BD57852YFVM-C
Battery
5 V
-
+
Antenna
Battery
1.6 V
BIAS
Tee
Oscillo
Scope
VDD
VSS
<Test Condition> Based on ISO11452-2
Test Circuit: Voltage Follower
VDD: 5 V
VIN+: 1.6 V
Test Method: Substituted Law
(Progressive Wave)
Field Intensity: 200 V/m
Test Wave: CW (Continuous Wave)
Frequency: 200 MHz – 1000 MHz (2 % step)
Figure 23. EMI Evaluation Board
(BD87582YFVM-C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn