전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BD87581YG-C 데이터시트(PDF) 13 Page - Rohm

부품명 BD87581YG-C
부품 상세설명  Automotive Excellent EMI Characteristics Input/Output Rail-to-Rail CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD87581YG-C 데이터시트(HTML) 13 Page - Rohm

Back Button BD87581YG-C Datasheet HTML 9Page - Rohm BD87581YG-C Datasheet HTML 10Page - Rohm BD87581YG-C Datasheet HTML 11Page - Rohm BD87581YG-C Datasheet HTML 12Page - Rohm BD87581YG-C Datasheet HTML 13Page - Rohm BD87581YG-C Datasheet HTML 14Page - Rohm BD87581YG-C Datasheet HTML 15Page - Rohm BD87581YG-C Datasheet HTML 16Page - Rohm BD87581YG-C Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13/21
© 2019 ROHM Co., Ltd. All rights reserved.
16.Jun.2020 Rev.002
www.rohm.com
BD87581YG-C
BD87582YFVM-C
TSZ22111 • 15 • 001
TSZ02201-0GDG2G500030-1-2
Application Information - continued
1. Unused Circuits
When there are unused circuits, it is recommended that they are connected
as in right figure, and set the non-inverting input pin to electric potential
within the input common-mode voltage range (VICMR).
2. Input Voltage
Applying VDD + 0.3 V to the input pin is possible without causing deterioration
of the electrical characteristics or destruction, regardless of the supply
voltage. However, this does not ensure circuit operation. Note that the circuit
operates normally only when the input voltage is within the common-mode
input voltage range of the electric characteristics.
3. Power Supply (single/dual)
The Op-Amp operates when the voltage is supplied between the VDD and
VSS pin. Therefore, the single supply Op-Amp can be used as dual supply
Op-Amp as well.
4. Output Capacitor
When the VDD pin is shorted to VSS (GND) electric potential in a state where electric charge is accumulated in the
external capacitor that is connected to the output pin, the accumulated electric charge flow through parasitic elements or
pin protection elements inside the circuit and discharges to the VDD pin. It may cause damage to the elements inside the
circuit (thermal destruction). When using this IC as an application circuit which does not constitute a negative feedback
circuit and does not occur the oscillation by an output capacitive load such as a voltage comparator, connect a capacitor of
0.1 µF or less to the output pin to prevent IC damage caused by the accumulation of electric charge as mentioned above.
5. Oscillation by Output Capacitor
Pay attention to the oscillation by capacitive load in designing an application which constitutes a negative feedback loop
circuit with this IC.
6. Handling the IC
Applying mechanical stress to the IC by deflecting or bending the board may cause fluctuations of the electrical
characteristics due to the piezo resistance effects. Pay attention to defecting or bending the board.
Connect
to VICM
-
+
VDD
Figure 25. Example of application
unused circuit processing
VSS
VICM


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn