전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BD87581YG-C 데이터시트(PDF) 7 Page - Rohm

부품명 BD87581YG-C
부품 상세설명  Automotive Excellent EMI Characteristics Input/Output Rail-to-Rail CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD87581YG-C 데이터시트(HTML) 7 Page - Rohm

Back Button BD87581YG-C Datasheet HTML 3Page - Rohm BD87581YG-C Datasheet HTML 4Page - Rohm BD87581YG-C Datasheet HTML 5Page - Rohm BD87581YG-C Datasheet HTML 6Page - Rohm BD87581YG-C Datasheet HTML 7Page - Rohm BD87581YG-C Datasheet HTML 8Page - Rohm BD87581YG-C Datasheet HTML 9Page - Rohm BD87581YG-C Datasheet HTML 10Page - Rohm BD87581YG-C Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/21
© 2019 ROHM Co., Ltd. All rights reserved.
16.Jun.2020 Rev.002
www.rohm.com
BD87581YG-C
BD87582YFVM-C
TSZ22111 • 15 • 001
TSZ02201-0GDG2G500030-1-2
Typical Performance Curves
VSS = 0 V
Figure 1. Supply Current vs Supply Voltage
Figure 2. Supply Current vs Ambient Temperature
Figure 3. Output Voltage High vs Supply Voltage
(RL = 10 kΩ, VOH = VDD - VOUT)
Figure 4. Output Voltage High vs Ambient Temperature
(RL = 10 kΩ, VOH = VDD - VOUT)
0.03
0.04
0.05
0.06
0.07
0.08
0.09
-50
-25
0
25
50
75
100
125
150
Ambient Temperature: Ta [°C]
0.03
0.04
0.05
0.06
0.07
0.08
0.09
4
8
12
16
Supply Voltage: V
DD [V]
Ta = +25 °C
Ta = +125 °C
Ta = -40 °C
VDD = 14.0 V
(Note) The above data are measurement value of typical sample; it is not guaranteed.
VDD = 4.0 V
VDD = 5.0 V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
4
8
12
16
Supply Voltage: V
DD [V]
BD87581YG-C
BD87582YFVM-C
Ta = -40
°C
Ta = +125
°C
Ta = +25
°C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-50
-25
0
25
50
75
100
125
Ambient Temperature: Ta [°C]
BD87581YG-C
BD87582YFVM-C
V
DD = 4.0 V
V
DD = 14.0 V
V
DD = 5.0 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn