์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BD87581YG-C ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 8 Page - Rohm

๋ถ€ํ’ˆ๋ช… BD87581YG-C
์ƒ์„ธ๋‚ด์šฉ  Automotive Excellent EMI Characteristics Input/Output Rail-to-Rail CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ROHM [Rohm]
ํ™ˆํŽ˜์ด์ง€  http://www.rohm.com
Logo ROHM - Rohm

BD87581YG-C ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 8 Page - Rohm

Back Button BD87581YG-C ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 4Page - Rohm BD87581YG-C ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 5Page - Rohm BD87581YG-C ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 6Page - Rohm BD87581YG-C ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 7Page - Rohm BD87581YG-C ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 8Page - Rohm BD87581YG-C ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 9Page - Rohm BD87581YG-C ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 10Page - Rohm BD87581YG-C ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 11Page - Rohm BD87581YG-C ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8/21
ฉ 2019 ROHM Co., Ltd. All rights reserved.
16.Jun.2020 Rev.002
www.rohm.com
BD87581YG-C
BD87582YFVM-C
TSZ22111 ? 15 ? 001
TSZ02201-0GDG2G500030-1-2
Typical Performance Curves - continued
VSS = 0 V
Figure 5. Output Voltage Low vs Supply Voltage
(RL = 10 k?)
Figure 6. Output Voltage Low vs Ambient Temperature
(RL = 10 k?)
Figure 7. Output Source Current vs Output Voltage
(VDD = 5 V)
Figure 8. Output Source Current vs Ambient Temperature
(VOUT = VDD - 0.4 V)
0.00
0.01
0.02
0.03
0.04
0.05
0.06
4
8
12
16
Supply Voltage: V
DD [V]
Ta = +25 ฐC
Ta = +125 ฐC
Ta = -40 ฐC
(Note) The above data are measurement value of typical sample; it is not guaranteed.
0
5
10
15
20
-50
-25
0
25
50
75
100
125
150
Ambient Temperature: Ta [ฐC]
0
5
10
15
20
0
1
2
3
4
5
6
Output Voltage: V
OUT [V]
Ta = +25 ฐC
Ta = +125 ฐC
VDD = 5.0 V
VDD = 4.0 V
VDD = 14.0 V
0.00
0.01
0.02
0.03
0.04
0.05
0.06
-50
-25
0
25
50
75
100
125
150
Ambient Temperature: Ta [ฐC]
VDD = 4.0 V
VDD = 5.0 V
Ta = -40 ฐC
VDD = 14.0 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


๋ฐ์ดํ„ฐ์‹œํŠธ Download

Go To PDF Page


๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reservedฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn